Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC962308DT-1HR2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC962308DT-1HR2
Description  3.3 V Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC962308DT-1HR2 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC962308DT-1HR2 Datasheet HTML 1Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 2Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 3Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 4Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 5Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 6Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 7Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 8Page - Motorola, Inc MPC962308DT-1HR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC962308
MOTOROLA
5
TIMING SOLUTIONS
Table 7. Switching Characteristics for MPC962308-X Industrial Temperature Devices1
1. All parameters are specified with loaded outputs.
Parameter
Name
Test Conditions
Min
Typ
Max
Unit
t1
Output Frequency
30-pF load, All devices
10
100
MHz
t1
Output Frequency2
2. Parameter is guaranteed by design and characterization. Not 100% tested in production.
20-pF load, -1H, -5H devices
10
133.3
MHz
t1
Output Frequency2
15-pF load, -1, -2, -3, -4 devices
10
133.3
MHz
Duty Cycle2 = t2 ÷ t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4 V, FOUT =66.66 MHz
30-pF load
40.0
60.0
%
Duty Cycle2 = t2 ÷ t1
(-1, -2, -3, -4, -1H, -5H)
Measured at 1.4 V, FOUT <50.0 MHz
15-pF load
45.0
55.0
%
t3
Rise Time2
(-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V,
30-pF load
2.50
ns
Rise Time2
(-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V,
15-pF load
1.50
ns
Rise Time2
(-1H, -5H)
Measured between 0.8 V and 2.0 V,
30-pF load
1.50
ns
t4
Fall Time2
(-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V,
30-pF load
2.50
ns
Fall Time2
(-1, -2, -3, -4)
Measured between 0.8 V and 2.0 V,
15-pF load
1.50
ns
Fall Time2
(-1H, -5H)
Measured between 0.8 V and 2.0 V,
30-pF load
1.25
ns
Output-to-Output Skew on
same Bank (-1, -2, -3, -4)2
All outputs equally loaded
200
ps
t5
Output-to-Output Skew
(-1H, -5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (-1, -4, -5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (-2, -3)
All outputs equally loaded
400
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge2
Measured at VDD/2
0
±250
ps
t7
Device-to-Device Skew2
Measured at VDD/2 on the FBK pins of devices
0
700
ps
t8
Output Slew Rate2
Measured between 0.8 V and 2.0 V on -1H,
-5H device using Test Circuit # 2
1
V/ns
tJ
Cycle-to-Cycle Jitter
(-1, -1H, -4, -5H)2
Measured at 66.67 MHz, loaded outputs,
15-pF load
200
ps
Measured at 66.67 MHz, loaded outputs,
30-pF load
200
ps
Measured at 133.3 MHz, loaded outputs,
15 pF load
100
ps
tJ
Cycle-to-Cycle Jitter
(-2, -3)2
Measured at 66.67 MHz, loaded outputs
30-pF load
400
ps
Measured at 66.67 MHz, loaded outputs
15-pF load
400
ps
tLOCK
PLL Lock Time2
Stable power supply, valid clocks presented
on REF and FBK pins
1.0
ms
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC962308DT-1HR2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
More results

Similar Description - MPC962308DT-1HR2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
logo
Cypress Semiconductor
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com