Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1062A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF1062A
Description  211.0 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1062A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF1062A Datasheet HTML 1Page - RF Monolithics, Inc SF1062A Datasheet HTML 2Page - RF Monolithics, Inc SF1062A Datasheet HTML 3Page - RF Monolithics, Inc SF1062A Datasheet HTML 4Page - RF Monolithics, Inc SF1062A Datasheet HTML 5Page - RF Monolithics, Inc SF1062A Datasheet HTML 6Page - RF Monolithics, Inc SF1062A Datasheet HTML 7Page - RF Monolithics, Inc SF1062A Datasheet HTML 8Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1062A 112904
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
211.000
MHz
Passband
Insertion Loss at fc
IL
6
9.0
dB
1.5 dB Passband
BW1.5
1, 2
±50
kHz
2 dB Passband
BW2
±80
3 dB Passband
BW3
±100
±135
Amplitude Ripple over fc±50 kHz
1.5
dBP-P
Group Delay Variation over fc ±50 kHz
GDV
200
500
nsP-P
Absolute Group Delay
GD
2.6
µs
Rejection
fc-400 to fc-200 and fc+200 to fc+400 MHz
1, 2, 3
5
dB
fc-600 to fc-400 and fc+400 to fc+600 MHz
25
fc-800 to fc-600 and fc+600 to fc+800 MHz
30
35
191 MHz to fc-800 kHz and fc+800 kHz to 231 MHz
35
45
Operating Temperature Range
TA
1
-40
+85
°C
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SMP-87 22.1 X 8 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week)
RFM SF1062A YYWW
SMP-87
Designed for GSM PCS Receiver IF Applications
Simple External Impedance Matching
Hermetic SMP-87 Surface-Mount Case
Unbalanced Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Profile
260°C for 30 s
211.0 MHz
SAW Filter
SF1062A
1.
Unless noted otherwise, all specifications apply over the operating temperature
range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nom-
inal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the pass-
band. Rejection in final user application is dependent on PCB layout and exter-
nal impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and
"ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject
to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1 and
Port 2, so that the filter must always be installed in one direction per the circuit
design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of
RF Monolithics, Inc.
9.
©Copyright 1999, RF Monolithics Inc.
10.
Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Connection
Terminals
Port 1Hot
2
Port 1 Gnd Return
3
Port 2 Hot
8
Port 2 Gnd Return
9
Case Ground
All Others
Electrical Connections
Pb


Similar Part No. - SF1062A

ManufacturerPart #DatasheetDescription
logo
Surge Components
SF106 SURGE-SF106 Datasheet
81Kb / 2P
   SUPERFAST RECOVERY RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes???
logo
Won-Top Electronics
SF106 WTE-SF106 Datasheet
47Kb / 3P
   1.0A SOFT FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
SF106 CHENYI-SF106 Datasheet
151Kb / 2P
   SUPER FAST RECTIFIER
logo
GOOD-ARK Electronics
SF106 GOOD-ARK-SF106 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF106 SEMTECH_ELEC-SF106 Datasheet
98Kb / 1P
   SUPER FAST RECOVERY SILICON DIODES
More results

Similar Description - SF1062A

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com