Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1081A-1 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # SF1081A-1
Description  71.00 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1081A-1 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  SF1081A-1 Datasheet HTML 1Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 2Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 3Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 4Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 5Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 6Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 7Page - RF Monolithics, Inc SF1081A-1 Datasheet HTML 8Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
71.000 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1081A-1 112904


Similar Part No. - SF1081A-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1081A-1 MURATA-SF1081A-1 Datasheet
479Kb / 3P
   71.00 MHz SAW Resonator
More results

Similar Description - SF1081A-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1081A RFM-SF1081A Datasheet
513Kb / 15P
   71.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1081A-1 MURATA-SF1081A-1 Datasheet
479Kb / 3P
   71.00 MHz SAW Resonator
logo
Transko Electronics, In...
TL071003AV1 TRANSKO-TL071003AV1 Datasheet
634Kb / 4P
   71.00 MHz IF SAW Filter / 390.00 kHz Bandwidth
Revision 0: 20 Sep. 2010
logo
Murata Manufacturing Co...
SF1081A MURATA-SF1081A Datasheet
97Kb / 3P
   71.00 MHz SAW Resonator
logo
Transko Electronics, In...
TL071001BV1 TRANSKO-TL071001BV1 Datasheet
603Kb / 4P
   71.00 MHz IF SAW Filter / 61.00 kHz Bandwidth
Revision 0: 29 Nov. 2011
TL071001AV1 TRANSKO-TL071001AV1 Datasheet
611Kb / 4P
   71.00 MHz IF SAW Filter / 95.00 kHz Bandwidth
Revision 0: 08 Nov. 2011
TL071014AV1 TRANSKO-TL071014AV1 Datasheet
624Kb / 4P
   71.00 MHz IF SAW Filter / 135.00 kHz Bandwidth
Revision 0: 13 Oct. 2011
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com