Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1194A Datasheet(PDF) 10 Page - RF Monolithics, Inc

Part # SF1194A
Description  167 MHz SAW Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1194A Datasheet(HTML) 10 Page - RF Monolithics, Inc

Back Button SF1194A Datasheet HTML 2Page - RF Monolithics, Inc SF1194A Datasheet HTML 3Page - RF Monolithics, Inc SF1194A Datasheet HTML 4Page - RF Monolithics, Inc SF1194A Datasheet HTML 5Page - RF Monolithics, Inc SF1194A Datasheet HTML 6Page - RF Monolithics, Inc SF1194A Datasheet HTML 7Page - RF Monolithics, Inc SF1194A Datasheet HTML 8Page - RF Monolithics, Inc SF1194A Datasheet HTML 9Page - RF Monolithics, Inc SF1194A Datasheet HTML 10Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2U874
SCALE
SHEET
OF
A
FSCM NO.
SIZE
DWG NO.
REV
NONE
ECN NO.
SF1194A-013
11383
6
B
6
CH1
S 21
log MAG
10 dB/
REF -6.549 dB
CH1 CENTER 167.000 000 MHz
SPAN
5.000 000 MHz
Cor
PRm
CH2
S 21
log MAG
REF -6.574 dB
10 dB/
CH2 START 300.000 000 MHz
STOP 1 000.000 000 MHz
Cor
PRm
29 Apr 2003 09:14:48
1
1_:-4.2336 dB
167.056 250 MHz
Max


Similar Part No. - SF1194A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1194A MURATA-SF1194A Datasheet
423Kb / 5P
   167 MHz SAW Filter
More results

Similar Description - SF1194A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1194A MURATA-SF1194A Datasheet
423Kb / 5P
   167 MHz SAW Filter
logo
TriQuint Semiconductor
856683 TRIQUINT-856683_15 Datasheet
401Kb / 6P
   167 MHz SAW Filter
logo
KR Electronics, Inc.
3183-SMA KR-3183-SMA Datasheet
101Kb / 3P
   167 MHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com