Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9216-80 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9216-80
Description  10-Bit, 65/80/105 MSPS Dual A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9216-80 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9216-80 Datasheet HTML 4Page - Analog Devices AD9216-80 Datasheet HTML 5Page - Analog Devices AD9216-80 Datasheet HTML 6Page - Analog Devices AD9216-80 Datasheet HTML 7Page - Analog Devices AD9216-80 Datasheet HTML 8Page - Analog Devices AD9216-80 Datasheet HTML 9Page - Analog Devices AD9216-80 Datasheet HTML 10Page - Analog Devices AD9216-80 Datasheet HTML 11Page - Analog Devices AD9216-80 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9216
Preliminary Technical Data
Rev. PrD
Page 8 of 20
6/15/2004
Table 6. ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9216BCP-65
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216BCPZ-80
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216BCPZ-105
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216BCPZRL7-65
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216BCPZRL7-80
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216BCPZRL7-
105
–40°C to +85°C
64-Lead Lead Frame Chip Scale Package (LFCSP)
AD9216-65PCB
Evaluation Board with AD9216BCPZ-65
AD9216-40PCB
Evaluation Board with AD9216BCPZ-80
AD9216-105PCB
Evaluation Board with AD9216BCPZ-105
AD9216
64 Lead for
LF-CSP
TOP VIEW
(Not to Scale)
11
AGND
VIN-_A
AGND
AVDD
REFT_A
REFB_A
VREF
SENSE
13
4
5
6
7
12
8
9
2
3
14
10
15
1
REFB_B
REFT_B
AVDD
AGND
VIN+_B
16
VIN-_B
VIN+_A
AGND
D2_A
D0_A
DNC
DNC
DNC
DNC
DRVDD
DRGND
OTR_B
D9_B (MSB)
D8_B
D7_B
D6_B
D5_B
38
36
45
44
43
42
37
41
40
47
46
35
39
34
48
D1_A
33
D4_B
Figure 3. Pin Configuration


Similar Part No. - AD9216-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216-80PCB AD-AD9216-80PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9216-80PCB AD-AD9216-80PCB Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
More results

Similar Description - AD9216-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
   Dual 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9218 AD-AD9218 Datasheet
1Mb / 24P
   10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
REV. 0
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com