Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IST3028 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IST3028
Description  120-output LCD Common Gate Driver IC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IST3028 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IST3028 Datasheet HTML 1Page - List of Unclassifed Manufacturers IST3028 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Integrated Solutions Technology
Preliminary IST3028
Document No
.:IST-RD-0032 Version: 001
Nov .2003
1
IST3028 120-outputLCDCommonGateDriverIC
DESCRIPTION
The IST3028 is a 120-output common gate driver IC and suitable for driving medium/large size dot
matrix LCD panels. The IST3028 provides function for both single and dual mode operations, also suitable for
a low power consumption, and high-precision LCD.
FEATURES
Number of LCD drive outputs: 120
Supply voltage for the logic system: +2.5 to +5.5 V
Supply voltage for LCD drive: +10.0 to + 40.0 V
Low power consumption
Low output impedance
Operating temperature: -20 to +85℃
Shift clock frequency:4 MHz(MAX.)
Built-in 120-bit bi-directional shift register
(Divisible by 60 bits x 2)
Available in a single mode (120-bit shift register)
or in a dual mode(60-bit shift register x 2)
(1) Y1 Y120 Single mode
(2) Y120 Y1 Single mode
(3) Y1 Y60, Y61 Y120 Dual mode
(4) Y120 Y61, Y60 Y1 Dual mode
Shift register circuits may reset by active /DISPOFF
Package:TCP/Gold Bumped Chip


Similar Part No. - IST3028

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IST XPPOWER-IST Datasheet
210Kb / 1P
   Industry Standard Pinout
logo
Leadshine Technology Co...
IST-17 LEADSHINE-IST-17 Datasheet
349Kb / 8P
   Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm
logo
List of Unclassifed Man...
IST-17L12CO10-0 ETC-IST-17L12CO10-0 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12CO10-1 ETC-IST-17L12CO10-1 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12EC10-0 ETC-IST-17L12EC10-0 Datasheet
577Kb / 5P
   Integrated Closed Loop Stepper Motor
Rev. 5.2
More results

Similar Description - IST3028

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST8012 SITRONIX-ST8012 Datasheet
557Kb / 47P
   120 Output LCD Common/Segment driver IC
logo
Sharp Corporation
LH1530F SHARP-LH1530F Datasheet
831Kb / 19P
   120 OUTPUT LCD COMMON DRIVER
logo
Sitronix Technology Co....
ST8011 SITRONIX-ST8011 Datasheet
306Kb / 20P
   120 Output LCD Segment driver IC
logo
List of Unclassifed Man...
ST8016 ETC-ST8016 Datasheet
56Kb / 1P
   160 Output LCD Common/Segment driver IC
logo
Taiwan Memory Technolog...
T66H0004A TMT-T66H0004A Datasheet
602Kb / 32P
   80 output LCD Segment/Common Driver IC
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
T66H0002A TMT-T66H0002A Datasheet
421Kb / 36P
   160 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
Sitronix Technology Co....
ST8016 SITRONIX-ST8016 Datasheet
407Kb / 28P
   160 Output LCD Common/ Segment Driver IC
logo
NEC
UPD16650 NEC-UPD16650 Datasheet
62Kb / 12P
   120-/128-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com