Electronic Components Datasheet Search |
|
CM120616 Datasheet(PDF) 3 Page - California Micro Devices Corp |
|
CM120616 Datasheet(HTML) 3 Page - California Micro Devices Corp |
3 / 7 page © 2004 California Micro Devices Corp. All rights reserved. 06/28/04 430 N. McCarthy Blvd., Milpitas, CA 95035-5112 ● Tel: 408.263.3214 ● Fax: 408.263.7846 ● www.calmicro.com 3 CM1206 Specifications Note 1: TA=25°C unless otherwise specified. GND in this document refers to the lower supply voltage. Note 2: ESD applied to channel pins with respect to GND, one at a time. All other channels are open. All GND pins tied to ground. Note 3: These parameters are guaranteed by design and characterization. ABSOLUTE MAXIMUM RATINGS PARAMETER RATING UNITS Storage Temperature Range -65 to +150 °C STANDARD OPERATING CONDITIONS PARAMETER RATING UNITS Operating Temperature Range -40 to +85 °C ELECTRICAL OPERATING CHARACTERISTICS (NOTE 1) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VREV Reverse Standoff Voltage IDIODE=10µA5.9 V ILEAK Leakage Current VIN=3.3V DC 100 nA VSIG Signal Clamp Voltage Positive Clamp Negative Clamp ILOAD = 10mA 6.0 -9.2 7.6 -7.6 9.2 -6.0 V V VESD In-system ESD Withstand Voltage a) Human Body Model, MIL-STD-883, Method 3015 b) Contact Discharge per IEC 61000-4-2 Level 4 Notes 2 & 3 +30 +18 kV kV VCL Clamping Voltage during ESD Discharge MIL-STD-883 (Method 3015), 8kV Positive Transients Negative Transients Notes 2 & 3 +14 -14 V V C Channel Capacitance At 2.5V DC, f = 1MHz 39 47 pF |
Similar Part No. - CM120616 |
|
Similar Description - CM120616 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |