Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62703-Q4988 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q62703-Q4988
Description  BLUE LINE-TM HYPER MINI SIDELED HYPER-BRIGHT LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62703-Q4988 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q62703-Q4988 Datasheet HTML 5Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 6Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 7Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 8Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 9Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 10Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 11Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 12Page - OSRAM GmbH Q62703-Q4988 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB C876
2001-11-14
11
Empfohlenes Lötpaddesign
IR Reflow Löten
Recommended Solder Pad
IR Reflow Soldering
Maße werden wie folgt angegeben: mm (inch) / Dimensions are specified as follows: mm (inch).
OHLPY981
6.6 (2.598)
1.2 (0.472)
for improved
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
Wärmeableitung
für verbesserte
Padgeometrie
Paddesign
2
2
Solder resist
Lötstopplack
6.6 (2.598)
1.2 (0.472)


Similar Part No. - Q62703-Q4988

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703-Q4316 OSRAM-Q62703-Q4316 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4317 OSRAM-Q62703-Q4317 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4318 OSRAM-Q62703-Q4318 Datasheet
84Kb / 9P
   Multi TOPLED
Q62703-Q4319 OSRAM-Q62703-Q4319 Datasheet
84Kb / 9P
   Multi TOPLED
logo
Siemens Semiconductor G...
Q62703-Q4450 SIEMENS-Q62703-Q4450 Datasheet
77Kb / 7P
   Hyper TOPLED White LED
More results

Similar Description - Q62703-Q4988

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSC876 SIEMENS-LSC876 Datasheet
319Kb / 6P
   Hyper Mini SIDELED Hyper-Bright LED
logo
OSRAM GmbH
LSA676 OSRAM-LSA676 Datasheet
180Kb / 14P
   Hyper SIDELED Hyper-Bright LED
LBT676 OSRAM-LBT676 Datasheet
55Kb / 6P
   BLUE LINE Hyper TOPLED Hyper-Bright LED
LWY87S OSRAM-LWY87S Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
LHA674 SIEMENS-LHA674 Datasheet
108Kb / 7P
   SIDELED Super-Bright, Hyper-Red GaAIAs-LED
logo
OSRAM GmbH
LYM676 OSRAM-LYM676 Datasheet
185Kb / 13P
   Hyper SIDELED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
LOP476 OSRAM-LOP476 Datasheet
586Kb / 17P
   Hyper PointLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com