Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVX163MTCX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LVX163MTCX
Description  Low Voltage Synchronous Binary Counter with Synchronous Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX163MTCX Datasheet(HTML) 6 Page - National Semiconductor (TI)

  74LVX163MTCX Datasheet HTML 1Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 2Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 3Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 4Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 5Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 6Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 7Page - National Semiconductor (TI) 74LVX163MTCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Operating Requirements
LVX163
LVX163
Symbol
Parameter
VCC
TA e 25 C
TA eb40 C
Units
Conditions
(V)
to a85 C
Guaranteed Minimum
tS
Minimum Setup Time
27
55
65
ns
(Pn–CP)
33 g03
55
65
tS
Minimum Setup Time
27
80
95
ns
(PE – CP)
33 g03
80
95
tS
Minimum Setup Time
27
75
90
ns
(CEP or CET – CP)
33 g03
75
90
tS
Minimum Setup Time
27
40
40
ns
(MR – CP)
33 g03
40
40
tH
Minimum Hold Time
27
10
10
ns
(Pn–CP)
33 g03
10
10
tH
Minimum Hold Time
27
10
10
ns
(PE – CP)
33 g03
10
10
tH
Minimum Hold Time
27
10
10
ns
(CEP or CET – CP)
33 g03
10
10
tH
Minimum Hold Time
27
15
15
ns
(MR – CP)
33 g03
15
15
tW(L)
Minimum Pulse Width
27
50
50
ns
tW(H)
CP (Count)
33 g03
50
50
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
TLF12157 – 8
http
www nationalcom
6


Similar Part No. - 74LVX163MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163MTC FAIRCHILD-74LVX163MTC Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
More results

Similar Description - 74LVX163MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com