Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ3844BCS Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PJ3844BCS
Description  High Performance Current Mode Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ3844BCS Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PJ3844BCS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 9Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 10Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 11Page - List of Unclassifed Manufacturers PJ3844BCS Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PJ3844B / PJ3845B
High Performance Current Mode Controller
8-14
2004/11. Rev B
Output
These devices contain a single totem pole output stage
that was specifically designed for direct drive of power
MOSFET’s. It is capable of up to ±1.0A peak drive current
and has a typical rise and fall time of 50 ns with a 1.0nF load.
Additional internal circuitry has been added to keep the
Output in a sinking mode whenever an undervoltage lockout
is active.This characteristic eliminates the need for an external
pull-down resistor.
The SOP-8 surface mount package provides separate pins
for
Vc(output
supply)
and
Power
Ground.Proper
implementation will significantly reduce the level of
switching transient noise imposed on the control circuitry.
This becomes particularly useful when reducing the Ipk(max)
clamp level.The separate Vc supply input allows the designer
added fiexlbility in tailoring the drive voltage independent of
Vcc.A zener clamp is typically connected to this input when
driving power MOSFETs in systems where Vcc is greater
than 20V. Figure 25 shows proper power and control ground
connections in a current sensing power MOSFET application.
Reference
The 5.0V bandgap reference is trimmed to±2.0% on the
UC3844B.Its promary purpose to supply charging current to
the oscillator timing capacitor.The reference has short circuit
protection and is capable of providing in excess of 20mA for
powering additional control system circuitry.
Design Considerations
Do not attempt to construct the converter on wirewrap or
plug-in prototype boards. High frequency circuit layout
techniques are imperative to prevent pulsewidth jitter.This is
usually caused by excessive noise pick-up imposed on the
Current Sense or Voltage Feedback inputs.Noise immunity
can be improved by lowering circuit impedances at these
points.The printed circuit layout should contain a ground
plane with lowcurrent signal and high-current switch and
output grounds returning separate paths back to the input filter
capacitor.Ceramic bypass capacitors(0.1 μ F) connected
directly to Vcc,Vc, and Vref may be required depending upon
circuit layout . This provides a low impedance path for
filtering the high frequency noised. All high current loops
should be kept as short as possible using heavy copper runs to
minimize radiated EMI. The Error Amp compensation
circuitry and the converter output voltage divider should be
located close to the IC and as far as possible from the power
switch and other noise generating components.
FIGURE 19-CONTINUOUS CURRENT WAVEFROMS
Current mode converters can exhibit subharmonic
oscillations when operating at a duty cycle greater than 50%
with
continuous
inductor
current,This
instability
is
independent of the regulators closed loop characteristics and
is caused by the simultaneous operating conditions of fixed
frequency and peak current detecting. Figure 19A shows the
phenomenon graphically, At t0 , switch conduction begins ,
causing the inductor current to rise at a slope of m1. This
slope is a function of the input voltage divided by the
inductance. At t1, the Current Sense Input reaches the
threshold established by the control voltage. This causes the
switch to turn off and the current to decay at a slope of m2,
until the next oscillator cycle. This unstable condition can be
shown if a perturbation is added to the control voltage ,
resulting in a small Δl (dashed line). With a fixed oscillator
period, the current decay time is reduced, and the minimum
current at switch turn-on(t2) is increased by Δl+Δl m2/m1.
The minimum current at the next cycle (t3) decreases to
l+Δl m2/m1)(m2/m1). This perturbation is multiplied by m2/m1
on each succeeding cycle , alternately increasing and
decreasing the inductor current at switch turn-on, Several
oscillator cycles may be required before the inductor current
reaches zero causing the process to commence again. If m2/m1
is greater than 1, the converter will be unstable . Figure 19B
shows that by adding an artificial ramp that is synchronized
with the PWM clock to the control voltage . the Δ l
perturbation will decrease to zero on succeeding cycles. This
compensating ramp (m3) must have a slope equal to or slightly
greater than m2/2 for stability . With m2/2 slope
compensation , the average inductor current follows the
control voltage yielding true current mode operation. The
compensating ramp can be derived from the oscillator and
added to either the Voltage Feedback or Current Sense inputs
(Figure 32).


Similar Part No. - PJ3844BCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842 ETC1-PJ3842 Datasheet
845Kb / 14P
   High Performance Current Mode Controller
PJ3842B ETC-PJ3842B Datasheet
375Kb / 15P
   High Performance Current Mode Controller
PJ3842B ETC1-PJ3842B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
PJ3842BCD ETC-PJ3842BCD Datasheet
375Kb / 15P
   High Performance Current Mode Controller
More results

Similar Description - PJ3844BCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
logo
List of Unclassifed Man...
PJ3843B ETC1-PJ3843B Datasheet
845Kb / 14P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_12 Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
First Components Intern...
UC3842A FCI-UC3842A Datasheet
262Kb / 6P
   High Performance Current Mode Controller
UC3843A FCI-UC3843A Datasheet
263Kb / 6P
   High Performance Current Mode Controller
UC3844A FCI-UC3844A Datasheet
254Kb / 6P
   High Performance Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com