Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3T55-6PS208 Datasheet(PDF) 9 Page - Agere Systems

Part # OR3T55-6PS208
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T55-6PS208 Datasheet(HTML) 9 Page - Agere Systems

Back Button OR3T55-6PS208 Datasheet HTML 5Page - Agere Systems OR3T55-6PS208 Datasheet HTML 6Page - Agere Systems OR3T55-6PS208 Datasheet HTML 7Page - Agere Systems OR3T55-6PS208 Datasheet HTML 8Page - Agere Systems OR3T55-6PS208 Datasheet HTML 9Page - Agere Systems OR3T55-6PS208 Datasheet HTML 10Page - Agere Systems OR3T55-6PS208 Datasheet HTML 11Page - Agere Systems OR3T55-6PS208 Datasheet HTML 12Page - Agere Systems OR3T55-6PS208 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 210 page
background image
Lucent Technologies Inc.
9
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Description (continued)
ORCA Foundry Development System
The
ORCA Foundry Development System is used to
process a design from a netlist to a configured FPGA.
This system is used to map a design onto the
ORCA
architecture and then place and route it using
ORCA
Foundry’s timing-driven tools. The development system
also includes interfaces to, and libraries for, other popu-
lar CAE tools for design entry, synthesis, simulation,
and timing analysis.
The
ORCA Foundry Development System interfaces to
front-end design entry tools and provides the tools to
produce a configured FPGA. In the design flow, the
user defines the functionality of the FPGA at two points
in the design flow: at design entry and at the bit stream
generation stage.
Following design entry, the development system’s map,
place, and route tools translate the netlist into a routed
FPGA. A static timing analysis tool is provided to deter-
mine device speed and a back-annotated netlist can be
created to allow simulation. Timing and simulation out-
put files from
ORCA Foundry are also compatible with
many third-party analysis tools. Its bit stream generator
is then used to generate the configuration data which is
loaded into the FPGA’s internal configuration RAM.
When using the bit stream generator, the user selects
options that affect the functionality of the FPGA. Com-
bined with the front-end tools,
ORCA Foundry pro-
duces configuration data that implements the various
logic and routing options discussed in this data sheet.
Architecture
The
ORCA Series 3 FPGA comprises three basic ele-
ments: PLCs, PICs, and system-level functions. Figure
1 shows an array of programmable logic cells (PLCs)
surrounded by programmable input/output cells (PICs).
Also shown are the interquad routing blocks (hIQ, vIQ)
present in Series 3. System-level functions (located in
the corners of the array) and the routing resources and
configuration RAM are not shown in Figure 1.
The OR3C/T55 array in Figure 1 has PLCs arranged in
an array of 18 rows and 18 columns. The location of a
PLC is indicated by its row and column so that a PLC in
the second row and the third column is R2C3. PICs are
located on all four sides of the FPGA between the
PLCs and the device edge. PICs are indicated using
PT and PB to designate PICs on the top and bottom
sides of the array, respectively, and PL and PR to des-
ignate PICs along the left and right sides of the array,
respectively. The position of a PIC on an edge of the
array is indicated by a number, counting from left to
right for PT and PB and top to bottom for PL and PR
PICs.
Each PIC contains routing resources and four program-
mable I/Os (PIOs). Each PIO contains the necessary
I/O buffers to interface to bond pads. PIOs in Series 3
FPGAs also contain input and output FFs, fast open-
drain capability on output buffers, special output logic
functions, and signal multiplexing/demultiplexing capa-
bilities.
PLCs comprise a programmable function unit (PFU), a
supplemental logic and interconnect cell (SLIC), and
routing resources. The PFU is the main logic element
of the PLC, containing elements for both combinatorial
and sequential logic. Combinatorial logic is done in
look-up tables (LUTs) located in the PFU. The PFU can
be used in different modes to meet different logic
requirements. The LUT’s twin-quad architecture pro-
vides a configurable medium-/large-grain architecture
that can be used to implement from one to eight inde-
pendent combinatorial logic functions or a large num-
ber of complex logic functions using multiple LUTs. The
flexibility of the LUT to handle wide input functions, as
well as multiple smaller input functions, maximizes the
gate count per PFU while increasing system speed.
The LUTs can be programmed to operate in one of
three modes: combinatorial, ripple, or memory. In com-
binatorial mode, the LUTs can realize any 4- or 5-input
logic function and many multilevel logic functions using
ORCA’s softwired LUT (SWL) connections. In ripple
mode, the high-speed carry logic is used for arithmetic
functions, comparator functions, or enhanced data path
functions. In memory mode, the LUTs can be used as a
32 x 4 synchronous read/write or read-only memory, in
either single- or dual-port mode.


Similar Part No. - OR3T55-6PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T55 AGERE-OR3T55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T55-6PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com