Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT674 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPT674
Description  FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SPT674 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPT674 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT674 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPT
2
8/1/00
SPT674
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, VEE = 0 to +5 V, VDD = +5 V, fS = 117 kHz, fIN = 10 kHz, unless otherwise specified..
TEST
TEST
SPT674C
SPT674B
PARAMETER
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
Resolution
VI
12
12
Bits
Linearity Error
TA= 0 to +70 °CVI
±1
±0.5
LSB
Differential Linearity
No Missing Codes
VI
12
12
Bits
Unipolar Offset; 10 V, 20 V
+25
°C Adjustable to Zero
VI
±4
±4
LSB
Bipolar Offset;
±5 V, ±10 V
+25
°C Adjustable to Zero
VI
±10
±6
LSB
Full Scale Calibration Error1
+25
°C Adjustable to Zero
VI
0.30
0.30
% of FS
Full Scale Calibration Error1
No Adjustment to Zero
TA = 0 to +70 °C
V
0.47
0.37
% of FS
Temperature Coefficients
Using Internal Reference
Unipolar Offset
V
±1.0
±1.0
ppm/
°C
Bipolar Offset
V
±2.0
±2.0
ppm/
°C
Full Scale Calibration
V
±12
±12
ppm/
°C
Power Supply Rejection
Max change in full
VI
±0.5
±0.5
LSB
+4.75 V<VDD<+5.25 V
scale calibration
Analog Input Ranges
Bipolar
VI
-5
+5
-5
+5
Volts
VI
-10
+10
-10
+10
Volts
Unipolar
VI
0
+10
0
+10
Volts
VI
0
+20
0
+20
Volts
Input Impedance
10 Volt Span
VI
8.5
12
8.5
12
k
20 Volt Span
VI
35
50
35
50
k
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur) 1 25
°C
Note:
Operation at any Absolute Maximum Rating is not implied. See Operating Conditions for proper nominal applied
conditions in typical applications.
Output
Reference Output Voltage .............. Indefinite Short to GND
Momentary Short to VDD
Temperature
Operating Temperature, Ambient .................... 0 to +70
°C
Junction ......................... +165
°C
Lead Temperature, (Soldering 10 Seconds) ........... +300
°C
Storage Temperature .................................... -65 to +150
°C
Supply Voltages
Mode Control Voltage (VEE to DGND) .................... 0 to +7 V
Logic Supply Voltage (VDD to DGND) ...................0 to +7 V
Analog to Digital Ground (AGND to DGND) .................
±1 V
Input Voltages
Control Input Voltages (to DGND)
(CE, CS, Ao, 12/8, R/C) ......................... -0.5 to VDD +0.5 V
Analog Input Voltage (to AGND)
(REF IN, BIP OFF, 10 VIN) ...................................... ±16.5 V
20 V VIN Input Voltage (to AGND) .............................. ±24 V


Similar Part No. - SPT674

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
More results

Similar Description - SPT674

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT774 ETC-SPT774 Datasheet
113Kb / 12P
   FAST, COMPLETE 12-BIT UP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 ETC1-SPT574 Datasheet
117Kb / 12P
   FAST, COMPLETE 12-BIT uP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
Cadeka Microcircuits LL...
SPT674 CADEKA-SPT674 Datasheet
422Kb / 11P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT574 CADEKA-SPT574 Datasheet
490Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
SPT774 CADEKA-SPT774 Datasheet
519Kb / 12P
   FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com