Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T6L245ES Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # T6L245ES
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T6L245ES Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button T6L245ES Datasheet HTML 4Page - Toshiba Semiconductor T6L245ES Datasheet HTML 5Page - Toshiba Semiconductor T6L245ES Datasheet HTML 6Page - Toshiba Semiconductor T6L245ES Datasheet HTML 7Page - Toshiba Semiconductor T6L245ES Datasheet HTML 8Page - Toshiba Semiconductor T6L245ES Datasheet HTML 9Page - Toshiba Semiconductor T6L245ES Datasheet HTML 10Page - Toshiba Semiconductor T6L245ES Datasheet HTML 11Page - Toshiba Semiconductor T6L245ES Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
T6L24
2002-01-07
10
AC Characteristics
(DVDD
==== 3.0 ±±±± 0.3 V, AVDD ==== 5.0 ±±±± 0.5 V, AVSS ==== DVSS ==== 0 V, Ta ==== ----20 to 75°C)
Parameter
Symbol
Test
Circuit
Test Conditions
Min
Typ.
Max
Unit
MODE
= low
0.5
¾
30
Operating Frequency
fCPH
(1 / tCPH)
¾
MODE
= high
0.5
¾
15
MHz
CPH Pulse Width H
tCWH
¾
¾
12
¾
¾
ns
CPH Pulse Width L
tCWL
¾
¾
12
¾
¾
ns
Data Set-up Time
tDSU
¾
¾
5
¾
¾
ns
Data Hold Time
tDHD
¾
¾
5
¾
¾
ns
CX Set-up Time
tpdC
¾
¾
5
¾
¾
CPH
period
Output Delay Time 1
tpdDO
¾
CL = 30 pF
¾
¾
16
ns
Output Delay Time 2
tpdDS
¾
CL = 50 pF Target output voltage
(90%, 10%)
¾
¾
8
µs
Output Delay Time 3
tpdDX
¾
CL = 50 pF, Target output voltage
¾
¾
15
µs


Similar Part No. - T6L245ES

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
   Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
   Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
   Gate Driver for TFT LCD Panels
More results

Similar Description - T6L245ES

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
   Source Driver for TFT LCD Panels
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
   Source Driver for TFT LCD Panels
TA8409SG TOSHIBA-TA8409SG Datasheet
307Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic, Bridge Driver
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
   Source Driver for TFT LCD Panels
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com