Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62002AFG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TD62002AFG
Description  TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62002AFG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TD62002AFG Datasheet HTML 2Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 3Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 4Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 5Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 6Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 7Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 8Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 9Page - Toshiba Semiconductor TD62002AFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TD62001~004APG/AFG
2002-12-11
6
8. tON, tOFF
Note 1: Pulse width 50 µs, duty cycle 10%
Output impedance 50 Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: Input conditions are shown as following:
Input Condition
Type Number
R1
VIH
TD62001APG/AFG
2.7 k
W
3 V
TD62002APG/AFG
0
13 V
TD62003APG/AFG
0
3 V
TD62004APG/AFG
0
8 V
Note 3: CL includes probe and jig capacitance.
Precautions for Using
This IC does not include built-in protection circuits for excess current or overvoltage.
If this IC is subjected to excess current or overvoltage, it may be destroyed.
Hence, the utmost care must be taken when systems which incorporate this IC are designed.
Utmost care is necessary in the design of the output line, COMMON and GND line since IC may be destroyed
due to short−circuit between outputs, air contamination fault, or fault by improper grounding.


Similar Part No. - TD62002AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62002AFG TOSHIBA-TD62002AFG Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
More results

Similar Description - TD62002AFG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62S051AFM TOSHIBA-TD62S051AFM Datasheet
91Kb / 8P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD62S310AFM TOSHIBA-TD62S310AFM Datasheet
86Kb / 6P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4012AFE TOSHIBA-TA4012AFE Datasheet
60Kb / 4P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com