Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2-L2-DC6 Datasheet(PDF) 6 Page - Nais(Matsushita Electric Works)

Part # SP2-L2-DC6
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP2-L2-DC6 Datasheet(HTML) 6 Page - Nais(Matsushita Electric Works)

  SP2-L2-DC6 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP2-L2-DC6 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP2-L2-DC6 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP2-L2-DC6 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP2-L2-DC6 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP2-L2-DC6 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SP
257
Use method
1. Both the SP relay 2c and 4c can be
mounted to the mounting slats.
2. Use the mounting slats either by attach-
ing them directly to the chassis, or by
mounting with a DIN rail.
(A) When attaching directly to chassis
Use two M3 screws.
For the mounting pitch, refer to the speci-
fication diagram.
(B) When mounting on a DIN rail
Use a 35mm 1.378inch wide DIN rail
(DIN46277).
The mounting method should be as indi-
cated in the diagram at right.
Method for mounting on DIN rail
(1) First fit the arc shaped claw of the
mounting slat into the DIN rail.
(2) Press on the side as shown in the dia-
gram below.
(3) Fit in the claw part on the opposite
side.
Precautions for use
When mounting to a DIN rail, use a com-
mercially available fastening bracket if
there is a need to stop sliding of the
mounting slat in the rail direction.
Press relay in
Fit into mounting
grooves.
Press
Mounting
slat
DIN rail
Fig. 3
Fig. 2
Fig. 1
Fit in
To remove the
relay, press down
the mounting slats
so the claws move
to the outside.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - SP2-L2-DC6

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-L2-DC6V NAIS-SP2-L2-DC6V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP2-L2-DC6V PANASONIC-SP2-L2-DC6V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
SP2-L2-DC6V PANASONIC-SP2-L2-DC6V Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-L2-DC6

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com