Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222215363479 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 222215363479
Description  Aluminum Capacitors SMD (Chip) Long Life Vertical
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222215363479 Datasheet(HTML) 5 Page - Vishay Siliconix

  222215363479 Datasheet HTML 1Page - Vishay Siliconix 222215363479 Datasheet HTML 2Page - Vishay Siliconix 222215363479 Datasheet HTML 3Page - Vishay Siliconix 222215363479 Datasheet HTML 4Page - Vishay Siliconix 222215363479 Datasheet HTML 5Page - Vishay Siliconix 222215363479 Datasheet HTML 6Page - Vishay Siliconix 222215363479 Datasheet HTML 7Page - Vishay Siliconix 222215363479 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28302
For technical questions contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 07-Nov-05
5
153 CLV
Aluminum Capacitors
SMD (Chip) Long Life Vertical
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
IEC 60384-18, subclause 4.14
Us ≤ 1.15 × UR
Reverse voltage
IEC 60384-18, subclause 4.16
Urev ≤ 1V
Current
Leakage current
after 2 minutes at UR
IL2 ≤ 0.01 × CR × UR or 3 μA, whichever is greater
Inductance
Equivalent series inductance (ESL)
case codes 0405 to 0605
typ. 10 nH
case codes 0807 to 1010
typ. 15 nH
case codes 1012 and 1014
typ. 16 nH
CAPACITANCE (C)
EQUIVALENT SERIES RESISTANCE (ESR)
020
-40
-20
40
60
80
0.7
0.8
0.9
1.0
120
100
1.1
Tamb (°C)
C
C0
1
2
2
1
Curve 1: 1 µF, 50 V.
Curve 2: 100 µF, 6.3 V.
Fig.5 Typical multiplier of capacitance at 100 or 120 Hz as a
function of ambient temperature.
C0 = capacitance at 20 °C.
Fig.6 Typical ESR as a function of frequency at 20 °C.
0.1
0.1
110
102
103
1
102
f (kHz)
10
2
3
(W)
ESR
1
Curve 1: 22 µF, 6.3 V.
Curve 2: 22 µF, 16 V.
Curve 3: 22 µF, 25 V.
DISSIPATION FACTOR (tan
δ)
IMPEDANCE (Z)
1
10
0.1
0.01
−1
−60
−40
−20
0
20
40
60
80
100
120
tan
δ
Tamb (°C)
2
1
Curve1: 1µF, 50 V.
Curve2: 100µF, 6.3V.
Fig.7 Typical dissipation factor (tan
δ) at 100 or 120 Hz as
a function of ambient temperature.
Fig.8 Typical impedance as a function of frequency at 20 °C.
0.1
0.1
110
102
103
1
102
f (kHz)
10
2
3
Z
(W)
1
Curve 1: 22 µF, 6.3 V.
Curve 2: 22 µF, 16 V.
Curve 3: 22 µF, 25 V.


Similar Part No. - 222215363479

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
More results

Similar Description - 222215363479

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
153CLV VISHAY-153CLV_08 Datasheet
112Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 16-May-08
153CRV VISHAY-153CRV_08 Datasheet
113Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 15-Oct-08
153CRV VISHAY-153CRV_12 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV Datasheet
541Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 12-Dec-07
222215370109 VISHAY-222215370109 Datasheet
115Kb / 9P
   Aluminum Capacitors SMD (Chip) Long Life Vertical
Revision: 13-Mar-12
153CRV VISHAY-153CRV_17 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
Revision: 20-Mar-17
153CRV VISHAY-153CRV_V01 Datasheet
118Kb / 9P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life Vertical
01-Jan-2023
139CLL VISHAY-139CLL_13 Datasheet
114Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 11-Feb-13
139CLL VISHAY-139CLL Datasheet
109Kb / 8P
   Aluminum Capacitors SMD (Chip) Long Life
Revision: 28-May-08
139CLL VISHAY-139CLL_16 Datasheet
124Kb / 8P
   Aluminum Electrolytic Capacitors SMD (Chip) Long Life
Revision: 29-Sep-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com