Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4-NIL-DC12 Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # SP4-NIL-DC12
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP4-NIL-DC12 Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  SP4-NIL-DC12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP4-NIL-DC12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP4-NIL-DC12 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP4-NIL-DC12 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP4-NIL-DC12 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP4-NIL-DC12 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP
255
ACCESSORIES
mm inch
Soldering socket
SP2-SS
SP4-SS
38
±0.6
1.496
±.024
35
±0.6
1.378
±.024
23
±1
.906
±.039
7.5
±0.3
.295
±.012
20.32
±0.4
.800
±.016
40.64
±0.4
1.600
±.016
56
±1
2.205
±.039
48
±1
1.890
±.039
15.24
±0.4
.600
±.016
4.5
±0.3
.177
±.012
R2.25
R.089
12
±0.3
.472
±.012
5
±0.3
.197
±.012
7.7
±0.3
.303
±.012
24.5
±0.4
.965
±.016
52.8
±0.6
2.079
±.024
MADE IN JAPAN
48
±0.6
1.890
±.024
7.5
±0.3
.295
±.012
23
±1
.906
±.039
20.32
±0.4
.800
±.016
40.64
±0.4
1.600
±.016
56
±1
2.205
±.039
60
±1
2.362
±.039
30.48
±0.4
1.200
±.016
4.5
±0.3
.177
±.012
R2.25
R.089
12
±0.3
.472
±.012
5
±0.3
.197
±.012
7.7
±0.3
.303
±.012
38
±0.6
1.496
±.024
52.8
±0.6
2.079
±.024
15.24
±0.4
.600
±.016
MADE IN JAPAN
Wrapping socket
SP2-WS
SP4-WS
38
±0.6
1.496
±.024
35
±0.6
1.378
±.024
23
±1
.906
±.039
7.5
±0.3
.295
±.012
20.32
±0.4
.800
±.016
40.64
±0.4
1.600
±.016
56
±1
2.205
±.039
48
±1
1.890
±.039
15.24
±0.4
.600
±.016
4.5
±0.3
.177
±.012
12
±0.3
.472
±.012
5
±0.3
.197
±.012
52.8
±0.6
2.079
±.024
„1.5
„.059
25
±0.4
.984
±.016
R2.25
R.089
24.5
±0.4
.965
±.016
MADE IN JAPAN
48
±0.6
1.890
±.024
7.5
±0.3
.295
±.012
23
±1
.906
±.039
20.32
±0.4
.800
±.016
40.64
±0.4
1.600
±.016
56
±1
2.205
±.039
60
±1
2.362
±.039
30.48
±0.4
1.200
±.016
4.5
±0.3
.177
±.012
R2.25
R.089
12
±0.3
.472
±.012
5
±0.3
.197
±.012
15.24
±0.4
.600
±.016
38
±0.6
1.496
±.024
25
±0.4
.984
±.016
52.8
±0.6
2.079
±.024
„1.5
„.059
MADE IN JAPAN
Mounting hole drilling diagram
53.7
±0.2
2.114
±.008
35
±0.2
1.378
±.008
25.2
±0.2
.992
±.008
38
±0.2
1.496
±.008
2-DIA. HOLES 5.0
±0.1
2-DIA. HOLES .197
±.004
53.7
±0.2
2.114
±.008
48
±0.2
1.890
±.008
38.9
±0.2
1.531
±.008
2-DIA. HOLES 5.0
±0.1
2-DIA. HOLES .197
±.004
Notes:
(1) Mounting screws and the fastening
bracket are included in the package.
(2) Mount the relay with the proper mount-
ing direction — i.e. with the direction of the
NAIS mark on top of the relay case match-
ing the direction of the NAIS mark on the
terminal block. (The ; direction of the
terminal block is the upward direction of
the relay.)
Performance profile
Note: Do not remove the relay while it is ON.
Item
SP2, socket
with solder
SP4, socket
with solder
SP2, wrap-
ping socket
SP4, wrap-
ping socket
Withstand volt-
age
AC 3,000V, 1 min., between each terminal
Insulation
resistance
1,000 M
Ω min
Ambient working
temperature
–50 to +60
°C –58 to +140°F
Maximum current,
ON current
15 A
10 A
12 A
10 A


Similar Part No. - SP4-NIL-DC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP4-DC12V NAIS-SP4-DC12V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-DC12V PANASONIC-SP4-DC12V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
SP4-DC12V PANASONIC-SP4-DC12V Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP4-DC24V NAIS-SP4-DC24V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-DC24V PANASONIC-SP4-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP4-NIL-DC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com