Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2-NIL-DC48 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # SP2-NIL-DC48
Description  15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SP2-NIL-DC48 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  SP2-NIL-DC48 Datasheet HTML 1Page - Nais(Matsushita Electric Works) SP2-NIL-DC48 Datasheet HTML 2Page - Nais(Matsushita Electric Works) SP2-NIL-DC48 Datasheet HTML 3Page - Nais(Matsushita Electric Works) SP2-NIL-DC48 Datasheet HTML 4Page - Nais(Matsushita Electric Works) SP2-NIL-DC48 Datasheet HTML 5Page - Nais(Matsushita Electric Works) SP2-NIL-DC48 Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SP
256
Mounting and removal of fastening bracket
1. Mounting
Insert the A part of the fastening bracket
into the mounting groove of the socket,
and then fit the B part into groove, while
pressing with the tip of a minus screwdriv-
er.
2. Removal
Slide the B part of the fastening bracket
from the groove in the socket, while press-
ing with the tip of a minus screwdriver.
While the bracket is in this position, keep
pressing the C part of the bracket to the
relay side with your finger, and lift up to
the left side and remove from the groove,
as in the diagram at right.
B
C
Minus screwdriver
A
Fastening
bracket
SP relay
Terminal block
Screw terminal socket
40.64
±0.4
1.600
±.016
19.5
±0.6
.768
±.024
23
±1
.906
±.039
20.32
±0.4
.800
±.016
67
±1
2.638
±.039
15.24
±0.4
.600
±.016
52
±1
2.047
±.039
30
±0.6
1.181
±.024
4.5
±0.4
.177
±.016
6.5
±0.4
.256
±.016
mm inch
40.64
±0.4
1.600
±.016
20.32
±0.4
.800
±.016
97
±1
3.819
±.039
52
±1
2.047
±.039
30
±0.6
1.181
±.024
4.5
±0.3
.177
±.012
6.5
±0.3
.256
±.012
30.48
±0.4
1.200
±.016
15.24
±0.4
.600
±.016
23
±1
.906
±.039
32
±0.6
1.260
±.024
19.5
±0.6
.768
±.024
40.5
±0.6
1.594
±.024
70.5
±1
2.776
±.039
11
±0.4
.433
±.016
21
±0.4
.827
±.016
Mounting hole drilling diagram
Notes:
(1) Mounting screws and the fastening
bracket are included in the package.
(2) Mount the relay with the proper mount-
ing direction — i.e. with the direction of the
NAIS mark on top of the relay case match-
ing the direction of the NAIS mark on the
terminal block. (The ; direction of the
terminal block is the upward direction of
the relay.)
Fastening bracket mounting and
removal
1. Mounting
Insert the A part of the fastening bracket
into the mounting groove of the terminal
block, and then fit the B part into groove,
while pressing with the tip of a minus
screwdriver.
2. Removal
Slide the B part of the fastening bracket
from the groove in the terminal block,
while pressing with the tip of a minus
screwdriver. While the bracket is in this
position, keep pressing the C part of the
bracket to the relay side with your finger,
and lift up to the left side and remove from
the groove, as in the diagram at right.
30
±0.2
1.181
±.008
2-DIA. HOLES 4.5
±0.1
2-DIA. HOLES .177
±.004
B
C
Minus screwdriver
A
Fastening
bracket
SP relay
Terminal block
Mounting plate
SP-MA
18.4
.724
25
.984
23.2
.913
57.2
2.252
The SP-Relay with
SP-MA attached
Direct chassis mounting possible,
and applicable to DIN rail.
[DIN 46277 (35 mm width) is applicable.]
Tolerance:
±0.1 ±.004
18.4
.724
2-DIA. HOLES 3.2
2-DIA. HOLES .126
Panel cutout


Similar Part No. - SP2-NIL-DC48

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
SP2-10-01 RICHCO-SP2-10-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-12-01 RICHCO-SP2-12-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-14-01 RICHCO-SP2-14-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-16-01 RICHCO-SP2-16-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
SP2-3-01 RICHCO-SP2-3-01 Datasheet
43Kb / 1P
   SUPPORT POST, TPYE 2
More results

Similar Description - SP2-NIL-DC48

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com