Electronic Components Datasheet Search |
|
MAX1361 Datasheet(PDF) 10 Page - Maxim Integrated Products |
|
MAX1361 Datasheet(HTML) 10 Page - Maxim Integrated Products |
10 / 24 page Power Supply The MAX1361 (2.7V to 3.6V) and MAX1362 (4.5V to 5.5V) operate from a single supply and consume 670µA (typ) at sampling rates up to 94.4ksps and 436µA in monitor mode at 150ksps. The MAX1361 fea- tures a 2.048V internal reference and the MAX1362 fea- tures a 4.096V internal reference. All devices can be configured for use with an external reference from 1V to VDD. Bypass VDD to GND using a 0.1µF or greater ceramic capacitor for best performance. Analog Input and Track/Hold The MAX1361/MAX1362 analog-input architecture con- tains an analog-input multiplexer (MUX), fully differen- tial T/H, comparator, and a fully differential switched capacitive digital-to-analog converter (DAC). Figure 3 shows the equivalent input circuit for the MAX1361/ MAX1362. In single-ended mode, the analog-input MUX connects CT/H between the analog input selected by CS[3:0] and GND (see the Configuration/Setup Bytes (Write Cycle) section). In differential mode, the analog-input MUX connects CT/H to the plus and minus analog inputs selected by CS[3:0]. During the acquisition interval, the T/H switches are in the track position, and CT/H charges to the analog-input signal. At the end of the acquisition interval, the T/H switches move to the hold position, retaining the charge on CT/H as a stable sample of the input signal. During the conversion, a switched capacitive DAC adjusts to restore the comparator input voltage to 0V within the limits of 10-bit resolution. This action requires 10 conversion clock cycles and is equivalent to trans- ferring a charge of 11pF x (VIN+ - VIN-) from CT/H to the binary-weighted capacitive DAC, forming a digital rep- resentation of the analog-input signal. Use a low source impedance to ensure an accurate sample. A source impedance of up to 1.5k Ω does not significantly degrade sampling accuracy. For larger source impedances, connect a 100pF capacitor from the analog input to GND or buffer the input. In internal clock mode, the T/H circuitry enters track mode on the eighth rising clock edge of the address byte (see the Slave Address section). The T/H circuitry enters hold mode on the falling clock edge of the acknowledge bit of the address byte (the ninth clock pulse). The conversions are then internally clocked, dur- ing which time the MAX1361/MAX1362 hold SCL low. In external clock mode, the T/H circuitry enters track mode after a valid address on the rising edge of the clock during the read bit (R/W = 1, bit 8). Hold mode is entered on the rising edge of the second clock pulse during the shifting out of the 1st byte of the result. The next 10 clock cycles perform the conversions (see Figure 13). The time required for the T/H circuitry to acquire an input signal is a function of the input sample capaci- tance. If the analog-input source impedance is high, the acquisition-time constant lengthens and more time must be allowed between conversions. The acquisition time (tACQ) is the minimum time needed for the signal to be acquired. It is calculated by: tACQ ≥ 7 x (RSOURCE + RIN) x CIN 4-Channel, 10-Bit, System Monitor with Programmable Trip Window and SMBus Alert Response 10 ______________________________________________________________________________________ CT/H CT/H TRACK AIN0 AIN1 AIN2 AIN3/REF ANALOG INPUT MUX CAPACITIVE DAC REF CAPACITIVE DAC REF MAX1361 MAX1362 HOLD TRACK HOLD VDD/2 Figure 3. Equivalent Input Circuit |
Similar Part No. - MAX1361 |
|
Similar Description - MAX1361 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |