Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5433LETA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5433LETA
Description  32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5433LETA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5433LETA Datasheet HTML 4Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 5Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 6Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 7Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 8Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 9Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 10Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 11Page - Maxim Integrated Products MAX5433LETA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
32-Tap, Nonvolatile, I2C, Linear, Digital
Potentiometers
8
_______________________________________________________________________
Detailed Description
The MAX5432–MAX5435 contain a resistor array with
31 resistive elements. The MAX5432/MAX5434 provide
a total end-to-end resistance of 50k
Ω, and the
MAX5433/MAX5435 provide an end-to-end resistance
of 100k
Ω.
The MAX5432/MAX5433 allow access to the high, low,
and wiper terminals for a standard voltage-divider con-
figuration. Connect H, L, and W in any desired configu-
ration as long as their voltages fall between GND and
VDD. The MAX5434/MAX5435 are variable resistors
with H internally connected to the wiper.
A simple 2-wire I2C-compatible serial interface moves
the wiper among the 32 tap points. Eight data bits, an
address byte, and a control byte program the wiper
position. A nonvolatile memory stores and recalls the
wiper position in the nonvolatile memory upon power-up.
The nonvolatile memory is guaranteed for 200,000 wiper
store cycles and 50 years for wiper data retention.
Digital Interface
The MAX5432–MAX5435 feature an internal, nonvolatile
EEPROM that returns the wiper to its previously stored
position at power-up. The shift register decodes the
control and address bits, routing the data to the proper
memory registers. Write data to the volatile memory
register to immediately update the wiper position, or
write data to the nonvolatile register for storage. Writing
to the nonvolatile register takes a minimum of 12ms.
The volatile register retains data as long as the device
is enabled and powered. Removing power clears the
volatile register. The nonvolatile register retains data
even after power is removed. Upon power-up, the
power-on reset circuitry and internal oscillator control
the transfer of data from the nonvolatile register to the
volatile register.
Serial Addressing
The MAX5432–MAX5435 operate as a slave that sends
and receives data through an I2C- and SMBus™-com-
patible 2-wire interface. The interface uses a serial data
access (SDA) line and a serial clock line (SCL) to
achieve bidirectional communication between
master(s) and slave(s). A master, typically a microcon-
troller, initiates all data transfers to and from the
MAX5432–MAX5435, and generates the SCL clock that
synchronizes the data transfer (Figure 1).
SDA operates as both an input and an open-drain out-
put. SDA requires a pullup resistor, typically 4.7k
Ω.
SCL only operates as an input. SCL requires a pullup
resistor (4.7k
Ω typ) if there are multiple masters on the
2-wire interface, or if the master in a single-master sys-
tem has an open-drain SCL output.
Each transmission consists of a START (S) condition
(Figure 3) sent by a master, followed by the
MAX5432–MAX5435 7-bit slave address plus the 8th bit
(Figure 4), 1 command byte (Figure 7) and 1 data byte,
and finally a STOP (P) condition (Figure 3).
Start and Stop Conditions
Both SCL and SDA remain high when the interface is
not busy. A master signals the beginning of a transmis-
sion with a START (S) condition by transitioning SDA
from high to low while SCL is high. When the master
has finished communicating with the slave, it issues a
STOP (P) condition by transitioning the SDA from low to
Pin Description
PIN
TDFN
THIN SOT23
NAME
FUNCTION
1
H
High Terminal
2
4
SDA
I2C-Compatible Interface Data Input
3
2
GND
Ground
4
3
SCL
I2C-Compatible Interface Clock Input
51
VDD
Power-Supply Input. Bypass with a 0.1µF capacitor from VDD to GND.
6
A0
Address Input. Sets the I2C address. Connect to VDD or GND. Do not leave A0 floating.
7
6
L
Low Terminal
8
5
W
Wiper Terminal
EP
EP
Exposed Pad. Internally connected to GND.
SMBus is a trademark of Intel Corporation.


Similar Part No. - MAX5433LETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5433LETA++ MAXIM-MAX5433LETA+ Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
More results

Similar Description - MAX5433LETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
   32-Tap Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com