Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6221 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC100ES6221
Description  Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6221 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC100ES6221 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Advanced Clock Drivers Devices
4
Freescale Semiconductor
MC100ES6221
Table 5. PECL DC Characteristics (VCC = 2.5 V ± 5% or VCC = 3.3 V ± 5%, VEE = GND, TJ = 0°C to + 110°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock Input Pair CLK0, CLK0(1) (PECL differential signals)
1. The input pairs CLK0, CLK1 are compatible to differential signaling standards. CLK0 is compatible to LVPECL signals and CLK1 meets both
HSTL differential signal specifications. The difference between CLK0 and CLK1 is the differential input threshold voltage (VCMR).
VPP
Differential Input Voltage(2)
2. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.1
1.3
V
Differential operation
VCMR
Differential Cross Point Voltage(3)
3. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
1.0
VCC – 0.3
V
Differential operation
IIN
Input Current(1)
±100
µAVIN = VIL or VIN = VIH
Clock Input Pair CLK1, CLK1(4) (HSTL differential signals)
4. Clock inputs driven by differential HSTL compatible signals. Only applicable to CLK1, CLK1.
VDIF
Differential Input Voltage(5)
5. VDIF (DC) is the minimum differential HSTL input voltage swing required for device functionality.
0.2
1.4
V
VX
Differential Cross Point Voltage(6)
6. VX (DC) is the crosspoint of the differential HSTL input signal. Functional operation is obtained when the crosspoint is within the VX (DC)
range and the input swing lies within the VPP (DC) specification.
0
0.68 - 0.9
VCC – 0.7
V
VIH
Input High Voltage
VX + 0.1
VX + 0.7
V
VIL
Input Low Voltage
VX – 0.7
VX – 0.1
V
IIN
Input Current
±100
µAVIN = VX ± 0.2 V
Clock Inputs (PECL single ended signals)
VIH
Input Voltage High
VCC – 1.165
VCC – 0.880
V
VIL
Input Voltage Low
VCC – 1.810
VCC – 1.475
V
IIN
Input Current(7)
7. Inputs have internal pullup/pulldown resistors which affect the input current.
±100
µAVIN = VIL or VIN = VIH
PECL Clock Outputs (Q0–19, Q0–19)
VOH
Output High Voltage
VCC – 1.1
VCC – 1.005
VCC – 0.7
V
IOH = –30 mA(8)
8. Equivalent to a termination of 50
Ω to VTT.
VOL
Output Low Voltage
VCC – 1.9
VCC – 1.705
VCC – 1.4
V
IOL = –5 mA(8)
Supply current and VBB
IEE(9)
9. ICC calculation:
ICC = (number of differential output used) x (IOH + IOL) + IEE
ICC = (number of differential output used) x (VOH – VTT) ÷ Rload + (VOL – V TT) ÷ Rload + IEE.
Maximum Quiescent Supply Current without
Output Termination Current
84
160
mA
VEE pins
VBB
Output Reference Voltage (fref < 1.0 GHz)(10)
10. Using VBB to bias unused single-ended inputs is recommended only up to a clock reference frequency of 1 GHz. Above 1 GHz, only
differential input signals should be used with the MC100ES6221.
VCC – 1.42
VCC – 1.20
V
IBB = 0.4 mA


Similar Part No. - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com