Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6221 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC100ES6221
Description  Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC100ES6221 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC100ES6221 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC100ES6221 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Advanced Clock Drivers Devices
6
Freescale Semiconductor
MC100ES6221
Table 7. AC Characteristics (ECL: VEE = 3.3 V ± 5% or VEE = 2.5 V ± 5%, VCC = GND) or
(PECL: VCC = 3.3 V ± 5% or VCC = 2.5 V ± 5%, VEE = GND, TJ = 0°C to + 110°C)(1)
1. AC characteristics apply for parallel output termination of 50
Ω to VTT.
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Clock Input Pair CLK0, CLK0 (PECL or ECL differential signals)
VPP
Differential Input Voltage(2) (peak-to-peak)
2. VPP (AC) is the minimum differential ECL/PECL input voltage swing required to maintain AC characteristics including tPD and
device-to-device skew.
0.2
1.3
V
VCMR
Differential Input Crosspoint Voltage(3)
PECL
ECL
3. VCMR (AC) is the crosspoint of the differential ECL/PECL input signal. Normal AC operation is obtained when the crosspoint is within the
VCMR (AC) range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP (AC) impacts the device
propagation delay, device and part-to-part skew.
1.0
VEE + 1.0
VCC – 0.3
–0.3 V
V
V
fCLK
Input Frequency
0
2000
MHz
Differential
tPD
Propagation Delay CLK0 to Q0-19
400
540
670
ps
Differential
Clock Input Pair CLK1, CLK1 (HSTL differential signals)
VDIF
Differential Input Voltage(4) (peak-to-peak)
4. VDIF (AC) is the minimum differential HSTL input voltage swing required to maintain AC characteristics including tPD and device-to-device
skew. Only applicable to CLKB.
0.2
1.3
V
VX
Differential Input Crosspoint Voltage(5)
5. VX (AC) is the crosspoint of the differential HSTL input signal. Normal AC operation is obtained when the crosspoint is within the VX (AC)
range and the input swing lies within the VDIF (AC) specification. Violation of VX (AC) or VDIF (AC) impacts the device propagation delay,
device and part-to-part skew.
0.1
0.68–0.9
VCC – 1.0
V
fCLK
Input Frequency
0
1000
MHz
Differential
tPD
Propagation Delay CLK1 to Q0–19
650
780
950
ps
Differential
PECL/ECL Clock Outputs (Q0–19, Q0–19)
VO(P-P)
Differential Output Voltage (peak-to-peak)
fO < 1.0 GHz
fO < 2.0 GHz
0.375
TDB
0.630
0.250
V
V
tsk(O)
Output-to-Output Skew
50
100
ps
Differential
tsk(PP)
Output-to-Output Skew (part-to-part)
using CLK0
using CLK1
parts at one given TJ, VCC, fref
270
300
250
ps
ps
ps
Differential
tJIT(CC)
Output Cycle-to-Cycle Jitter
RMS (1
σ)1
ps
tSK(P)
DCQ
Output Pulse Skew(6)
Output Duty Cycle
fREF < 0.1 GHz
fREF < 1.0 GHz
6. Output pulse skew is the absolute difference of the propagation delay times: | tpLH – tpHL |.
49.5
45.0
30
50
50
50
50.5
55.0
ps
%
%
DCREF = 50%
DCREF = 50%
tr, tf
Output Rise/Fall Time
50
350
ps
20% to 80%


Similar Part No. - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES6221

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
   Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
SK10EP111 SEMTECH-SK10EP111 Datasheet
100Kb / 4P
   Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
   Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com