Electronic Components Datasheet Search |
|
MAX5434MEZT-T Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX5434MEZT-T Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 17 page 32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers 8 _______________________________________________________________________ Detailed Description The MAX5432–MAX5435 contain a resistor array with 31 resistive elements. The MAX5432/MAX5434 provide a total end-to-end resistance of 50k Ω, and the MAX5433/MAX5435 provide an end-to-end resistance of 100k Ω. The MAX5432/MAX5433 allow access to the high, low, and wiper terminals for a standard voltage-divider con- figuration. Connect H, L, and W in any desired configu- ration as long as their voltages fall between GND and VDD. The MAX5434/MAX5435 are variable resistors with H internally connected to the wiper. A simple 2-wire I2C-compatible serial interface moves the wiper among the 32 tap points. Eight data bits, an address byte, and a control byte program the wiper position. A nonvolatile memory stores and recalls the wiper position in the nonvolatile memory upon power-up. The nonvolatile memory is guaranteed for 200,000 wiper store cycles and 50 years for wiper data retention. Digital Interface The MAX5432–MAX5435 feature an internal, nonvolatile EEPROM that returns the wiper to its previously stored position at power-up. The shift register decodes the control and address bits, routing the data to the proper memory registers. Write data to the volatile memory register to immediately update the wiper position, or write data to the nonvolatile register for storage. Writing to the nonvolatile register takes a minimum of 12ms. The volatile register retains data as long as the device is enabled and powered. Removing power clears the volatile register. The nonvolatile register retains data even after power is removed. Upon power-up, the power-on reset circuitry and internal oscillator control the transfer of data from the nonvolatile register to the volatile register. Serial Addressing The MAX5432–MAX5435 operate as a slave that sends and receives data through an I2C- and SMBus™-com- patible 2-wire interface. The interface uses a serial data access (SDA) line and a serial clock line (SCL) to achieve bidirectional communication between master(s) and slave(s). A master, typically a microcon- troller, initiates all data transfers to and from the MAX5432–MAX5435, and generates the SCL clock that synchronizes the data transfer (Figure 1). SDA operates as both an input and an open-drain out- put. SDA requires a pullup resistor, typically 4.7k Ω. SCL only operates as an input. SCL requires a pullup resistor (4.7k Ω typ) if there are multiple masters on the 2-wire interface, or if the master in a single-master sys- tem has an open-drain SCL output. Each transmission consists of a START (S) condition (Figure 3) sent by a master, followed by the MAX5432–MAX5435 7-bit slave address plus the 8th bit (Figure 4), 1 command byte (Figure 7) and 1 data byte, and finally a STOP (P) condition (Figure 3). Start and Stop Conditions Both SCL and SDA remain high when the interface is not busy. A master signals the beginning of a transmis- sion with a START (S) condition by transitioning SDA from high to low while SCL is high. When the master has finished communicating with the slave, it issues a STOP (P) condition by transitioning the SDA from low to Pin Description PIN TDFN THIN SOT23 NAME FUNCTION 1 — H High Terminal 2 4 SDA I2C-Compatible Interface Data Input 3 2 GND Ground 4 3 SCL I2C-Compatible Interface Clock Input 51 VDD Power-Supply Input. Bypass with a 0.1µF capacitor from VDD to GND. 6 — A0 Address Input. Sets the I2C address. Connect to VDD or GND. Do not leave A0 floating. 7 6 L Low Terminal 8 5 W Wiper Terminal EP — EP Exposed Pad. Internally connected to GND. SMBus is a trademark of Intel Corporation. |
Similar Part No. - MAX5434MEZT-T |
|
Similar Description - MAX5434MEZT-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |