Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8104 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # 8104
Description  Gigabit Ethernet Controller
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8104 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button 8104 Datasheet HTML 6Page - LSI Computer Systems 8104 Datasheet HTML 7Page - LSI Computer Systems 8104 Datasheet HTML 8Page - LSI Computer Systems 8104 Datasheet HTML 9Page - LSI Computer Systems 8104 Datasheet HTML 10Page - LSI Computer Systems 8104 Datasheet HTML 11Page - LSI Computer Systems 8104 Datasheet HTML 12Page - LSI Computer Systems 8104 Datasheet HTML 13Page - LSI Computer Systems 8104 Datasheet HTML 14Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 172 page
background image
x
Contents
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
3.5
Power Supply Signals
3-10
Chapter 4
Registers
4.1
Register Interface
4-1
4.1.1
Bit Types
4-2
4.1.2
Interrupt
4-3
4.1.3
Register Structure
4-4
4.2
Register Addresses
4-4
4.3
Register Definitions
4-11
4.3.1
Register 0–MAC Address 1
4-11
4.3.2
Register 1–MAC Address 2
4-12
4.3.3
Register 2–MAC Address 3
4-12
4.3.4
Register 3–MAC Address Filter 1
4-12
4.3.5
Register 4–MAC Address Filter 2
4-13
4.3.6
Register 5–MAC Address Filter 3
4-14
4.3.7
Register 6–MAC Address Filter 4
4-14
4.3.8
Register 7–Configuration 1
4-15
4.3.9
Register 8–Configuration 2
4-17
4.3.10
Register 9–Configuration 3
4-19
4.3.11
Register 10–Configuration 4
4-22
4.3.12
Register 11–Status 1
4-23
4.3.13
Register 14–Status Mask 1
4-25
4.3.14
Register 17–Transmit FIFO Threshold
4-26
4.3.15
Register 18–Receive FIFO Threshold
4-27
4.3.16
Register 19–Flow Control 1
4-28
4.3.17
Register 20–Flow Control 2
4-29
4.3.18
Register 21–AutoNegotiation Base Page
Transmit
4-30
4.3.19
Register 22–AutoNegotiation Base Page
Receive
4-31
4.3.20
Register 23–AutoNegotiation Next Page
Transmit
4-33
4.3.21
Register 24–AutoNegotiation Next Page
Receive
4-34
4.3.22
Register 32–Device ID
4-35
4.3.23
Register 112–115–Counter Half Full 1
−4
4-36
4.3.24
Registers 120–123–Counter Half Full Mask 1
−4
4-36
4.3.25
Registers 128
−233–Counter 1−53
4-37


Similar Part No. - 8104

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8104 FILTRAN-8104 Datasheet
84Kb / 1P
   T1/CEPT ISDN PRI Transformers
logo
List of Unclassifed Man...
8104 ETC2-8104 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8104 ETC2-8104 Datasheet
365Kb / 2P
   Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Belden Inc.
8104 BELDEN-8104 Datasheet
205Kb / 2P
   RS-232/422 Low Cap, #24-4pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8104-060100 BELDEN-8104-060100 Datasheet
205Kb / 2P
   RS-232/422 Low Cap, #24-4pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
More results

Similar Description - 8104

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
logo
Intel Corporation
82544EI INTEL-82544EI Datasheet
368Kb / 52P
   Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
   Gigabit Ethernet Controller
82571EB INTEL-82571EB Datasheet
334Kb / 4P
   Gigabit Ethernet Controller
logo
Realtek Semiconductor C...
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
logo
Intel Corporation
82541ER INTEL-82541ER Datasheet
327Kb / 48P
   82541ER Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
logo
Intel Corporation
82540EM INTEL-82540EM Datasheet
304Kb / 44P
   82540EM Gigabit Ethernet Controller
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
2Mb / 315P
   DUAL GIGABIT ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com