Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55310C41B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M55310C41B
Description  OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)), 0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M55310C41B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M55310C41B Datasheet HTML 1Page - List of Unclassifed Manufacturers M55310C41B Datasheet HTML 2Page - List of Unclassifed Manufacturers M55310C41B Datasheet HTML 3Page - List of Unclassifed Manufacturers M55310C41B Datasheet HTML 4Page - List of Unclassifed Manufacturers M55310C41B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AMSC N/A
1 of 5
FSC 5955
DISTRIBUTION STATEMENT A. Approved for public release; distribution is unlimited.
INCH-POUND
MIL-PRF-55310/18D
8 July 2002
SUPERSEDING
MIL-PRF-55310/18C
25 March 1998
PERFORMANCE SPECIFICATION SHEET
OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)),
0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
This specification is approved for use by all Departments
and Agencies of the Department of Defense.
The requirements for acquiring the product described herein
shall consist of this specification and MIL-PRF-55310.
Inches
mm
Inches
mm
.002
0.05
.27
6.9
.018
0.46
.300
7.62
.100
2.54
.44
11.2
.150
3.81
.54
13.7
.20
5.1
.887
22.53
NOTES:
1. Dimensions are in inches.
2. Metric equivalents are given for general information only.
3. Unless otherwise specified, tolerances are ±.005 (0.13 mm) for three place decimals and ±.02 (0.5 mm) for two
place decimals.
4. All pins with NC function may be connected internally and are not to be used as external tie points or
connections.
FIGURE 1. Dimensions and configuration.
Pin number Function
1
NC
2
NC
3
NC
4
NC
5
NC
6
NC
7
B - (GND/CASE)
8
OUTPUT
9
NC
10
NC
11
NC
12
NC
13
NC
14
B+


Similar Part No. - M55310C41B

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M55310/30-B11A MTRONPTI-M55310/30-B11A Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11AT MTRONPTI-M55310/30-B11AT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11B MTRONPTI-M55310/30-B11B Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11BT MTRONPTI-M55310/30-B11BT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11C MTRONPTI-M55310/30-B11C Datasheet
465Kb / 2P
   QPL Oscillators
More results

Similar Description - M55310C41B

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
logo
TEMEX
QEN79 TEMEX-QEN79 Datasheet
346Kb / 3P
   Defense airborne - Crystal oscillator - XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
logo
Integrated Device Techn...
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com