Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417729RF100B Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6417729RF100B
Description  Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
Download  855 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417729RF100B Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6417729RF100B Datasheet HTML 7Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 8Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 9Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 10Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 11Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 12Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 13Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 14Page - Renesas Technology Corp HD6417729RF100B Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 855 page
background image
Rev. 5.0, 09/03, page xi of xlvi
Section
Page
Description
5.5.1 Invalidating a
Specific Entry
154
Description amended
A specific cache entry can be invalidated by accessing the allocated
memory cache and writing a 0 to the entry’s U and V bits. The A bit is
cleared to 0, and an address is specified for the entry address and the
way. If the U bit of the way of the entry in question was set to 1, the
entry is written back and the V and U bits specified by the write data are
written to.
In the following example, the write data is specified in R0 and the
address is specified in R1.
; R0 = H'0000 0000 LRU = H'000, U = 0, V = 0
; R1 = H'F000 1080, Way = 1, Entry = H'08, A = 0
;
MOV.L
R0, @R1
To invalidate all entries and ways, write 0 to the following addresses.
Addresses
F000 0000
F000 0010
F000 0020
:
F000 3FF0
This involves a total of 1,024 writes.
The above operation should be performed using a non-cacheable area.
5.5.2 Invalidating a
Specific Address
Newly added
5.5.3 Reading the
Data of a Specific Entry
155
Description amended
; R1=H'F100 004C; data array access, entry=H'04, Way = 0,
; longword address = 3
;
MOV.L @R0,R1 ; Longword 3 is read.
7.2.6 Interrupt
Exception Handling and
Priority
Table 7.4 Interrupt
Exception Handling
Sources and Priority
(IRQ Mode)
171
IPR (bit numbers) for SCI amended
(Before)IPRB(3-0)
→ (After)IPRB(7-4)
7.3.6 Interrupt
Request Register 0
(IRR0)
182
Description amended
When clearing an IRQ5R–IRQ0R bit to 0, read the bit while bit set
to 1, and then write 0. In this case, 0 should be written only to the
bits to be cleared and 1 to the other bits. The contents of the bits
to which 1 is written do not change.
9.2.1 Standby Control
Register (STBCR)
230
Description added
Bit 1—Module Standby 1 (MSTP1)
Before switching the RTC to module standby, access at least one
among the registers RTC, SCI, and TMU.


Similar Part No. - HD6417729RF100B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6417729 HITACHI-HD6417729 Datasheet
1Mb / 241P
   Hitachi Microcomputer Development Environment System
More results

Similar Description - HD6417729RF100B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7709S RENESAS-SH7709S Datasheet
4Mb / 807P
   Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
HD6417706 RENESAS-HD6417706 Datasheet
4Mb / 709P
   Renesas 32-Bit RISC Microcomputer Super RISC engine Family/SH7700 Series
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
SH7720 RENESAS-SH7720 Datasheet
8Mb / 1524P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7710 RENESAS-SH7710 Datasheet
5Mb / 996P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7706 RENESAS-SH7706 Datasheet
4Mb / 749P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
SH7712 RENESAS-SH7712 Datasheet
5Mb / 978P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
SH7713 RENESAS-SH7713 Datasheet
5Mb / 904P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
HD6417727BP160CV RENESAS-HD6417727BP160CV Datasheet
7Mb / 1098P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/ SH7700 Series
HD6417705F133V RENESAS-HD6417705F133V Datasheet
4Mb / 741P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family/SH7700 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com