Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55310C22C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M55310C22C
Description  OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)), 0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M55310C22C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M55310C22C Datasheet HTML 1Page - List of Unclassifed Manufacturers M55310C22C Datasheet HTML 2Page - List of Unclassifed Manufacturers M55310C22C Datasheet HTML 3Page - List of Unclassifed Manufacturers M55310C22C Datasheet HTML 4Page - List of Unclassifed Manufacturers M55310C22C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIL-PRF-55310/18D
4
Frequency-voltage tolerance:
±2 ppm maximum for a ±10 percent change in supply voltage. Measurements taken
at reference temperature and operating temperature range end points.
Frequency aging: Measurements shall be taken at +70
°C ±0.2°C at intervals of not more than every 72 hours for
30 days minimum (see table I).
±5 ppm per year, maximum
±10 ppm per year, maximum
±0.7 ppm per 30 days.
±1.5 ppm per 30 days
±1.5 ppm per 90 days
±3 ppm per 90 days
Terminal strength: Method 211 of MIL-STD-202, test condition C.
Applied force: 2 pounds each terminal for 10 seconds.
Bends: Five at 45 degrees each.
Frequency-environmental tolerance: Not applicable.
Vibration, sinusoidal: In accordance with MIL-PRF-55310 and method 204 of MIL-STD-202.
Nonoperating: Test condition D.
Operating: Not required.
Ambient pressure:
Nonoperating: In accordance with MIL-PRF-55310.
Operating: Method 105 of MIL-STD-202, test condition C.
Part or Identifying Number (PIN): Consists of “M” prefix followed by specification sheet number, a dash and coded
alphas, and numeric number. See example:
EXAMPLE
M55310/18-
S
01
A
XXXXXXXX
M prefix and specification sheet number
Product level (S, B, or C)
Dash number (see table I)
Operating temperature range
(A, B, or C) (see table I)
Frequency


Similar Part No. - M55310C22C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M55310/30-B11A MTRONPTI-M55310/30-B11A Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11AT MTRONPTI-M55310/30-B11AT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11B MTRONPTI-M55310/30-B11B Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11BT MTRONPTI-M55310/30-B11BT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11C MTRONPTI-M55310/30-B11C Datasheet
465Kb / 2P
   QPL Oscillators
More results

Similar Description - M55310C22C

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
logo
TEMEX
QEN79 TEMEX-QEN79 Datasheet
346Kb / 3P
   Defense airborne - Crystal oscillator - XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
logo
Integrated Device Techn...
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com