Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVCC4245A Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI74LVCC4245A
Description  8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVCC4245A Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI74LVCC4245A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI74LVCC4245A Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ADVANCE INFORMATION
PI74LVCC4245A
8-Bit Dual Supply Bus Transceiver
with Configurable Output Voltage and 3-State Outputs
11
P-0.4
08/11/03
Ordering Information
Packaging Mechanical: 24-pin SOIC (S)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
SEATING
PLANE
.050
BSC
1
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.40
7.60
.5985
.6141
15.20
15.60
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
24
.021
.031
0.533
0.787
Ordering Code
Package Code
Package Type
PI74LVCC4245AL
L
24-pin, 173-mil wide plastic TSSOP
PI74LVCC4245AQ
Q
24-pin, 150-mil wide plastic QSOP
PI74LVCC4245AS
S
24-pin, 300-mil wide plastic SOI
Notes:
1. Thermal characteristics can be found on the company web site at http://www.pericom.com/packaging/mechanicals.php


Similar Part No. - PI74LVCC4245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AL PERICOM-PI74LVCC3245AL Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245ALE PERICOM-PI74LVCC3245ALE Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AQ PERICOM-PI74LVCC3245AQ Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AS PERICOM-PI74LVCC3245AS Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
More results

Similar Description - PI74LVCC4245A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DBR TI1-SN74LVC245DBR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245PWR TI-SN74LVC245PWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245 Datasheet
897Kb / 28P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com