Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3T125-7PS208 Datasheet(PDF) 7 Page - Agere Systems

Part # OR3T125-7PS208
Description  3C and 3T Field-Programmable Gate Arrays
Download  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3T125-7PS208 Datasheet(HTML) 7 Page - Agere Systems

Back Button OR3T125-7PS208 Datasheet HTML 3Page - Agere Systems OR3T125-7PS208 Datasheet HTML 4Page - Agere Systems OR3T125-7PS208 Datasheet HTML 5Page - Agere Systems OR3T125-7PS208 Datasheet HTML 6Page - Agere Systems OR3T125-7PS208 Datasheet HTML 7Page - Agere Systems OR3T125-7PS208 Datasheet HTML 8Page - Agere Systems OR3T125-7PS208 Datasheet HTML 9Page - Agere Systems OR3T125-7PS208 Datasheet HTML 10Page - Agere Systems OR3T125-7PS208 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 210 page
background image
Lucent Technologies Inc.
7
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Description
FPGA Overview
The
ORCA Series 3 FPGAs are a new generation of
SRAM-based FPGAs built on the successful OR2C/
TxxA FPGA Series from Lucent Technologies Micro-
electronics Group, with enhancements and innovations
geared toward today’s high-speed designs and tomor-
row’s systems on a single chip. Designed from the start
to be synthesis friendly and to reduce place and route
times while maintaining the complete routability of the
ORCA 2C/2T devices, Series 3 more than doubles the
logic available in each logic block and incorporates sys-
tem-level features that can further reduce logic require-
ments and increase system speed.
ORCA Series 3
devices contain many new patented enhancements
and are offered in a variety of packages, speed grades,
and temperature ranges.
The
ORCA Series 3 FPGAs consist of three basic ele-
ments: programmable logic cells (PLCs), programma-
ble input/output cells (PICs), and system-level features.
An array of PLCs is surrounded by PICs. Each PLC
contains a programmable function unit (PFU), a sup-
plemental logic and interconnect cell (SLIC), local rout-
ing resources, and configuration RAM. Most of the
FPGA logic is performed in the PFU, but decoders,
PAL-like functions, and 3-state buffering can be per-
formed in the SLIC. The PICs provide device inputs
and outputs and can be used to register signals and to
perform input demultiplexing, output multiplexing, and
other functions on two output signals. Some of the sys-
tem-level functions include the new microprocessor
interface (MPI) and the programmable clock manager
(PCM).
PLC Logic
Each PFU within a PLC contains eight 4-input (16-bit)
look-up tables (LUTs), eight latches/flip-flops (FFs),
and one additional flip-flop that may be used indepen-
dently or with arithmetic functions.
The PFU is organized in a twin-quad fashion: two sets
of four LUTs and FFs that can be controlled indepen-
dently. LUTs may also be combined for use in arith-
metic functions using fast-carry chain logic in either
4-bit or 8-bit modes. The carry-out of either mode may
be registered in the ninth FF for pipelining. Each PFU
may also be configured as a synchronous 32 x 4 sin-
gle- or dual-port RAM or ROM. The FFs (or latches)
may obtain input from LUT outputs or directly from
invertible PFU inputs, or they can be tied high or tied
low. The FFs also have programmable clock polarity,
clock enables, and local set/reset.
The SLIC is connected to PLC routing resources and to
the outputs of the PFU. It contains 3-state, bidirectional
buffers and logic to perform up to a 10-bit AND function
for decoding, or an AND-OR with optional INVERT
(AOI) to perform
PAL-like functions. The 3-state drivers
in the SLIC and their direct connections to the PFU out-
puts make fast, true 3-state buses possible within the
FPGA, reducing required routing and allowing for real-
world system performance.


Similar Part No. - OR3T125-7PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T125 AGERE-OR3T125 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3T125-7PS208

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3T20 AGERE-OR3T20 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000E XILINX-XC4000E Datasheet
712Kb / 68P
   XC4000E and XC4000X Series Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com