Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LVCC4245AS Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74LVCC4245AS
Description  8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LVCC4245AS Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI74LVCC4245AS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 10Page - Pericom Semiconductor Corporation PI74LVCC4245AS Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ADVANCE INFORMATION
PI74LVCC4245A
8-Bit Dual Supply Bus Transceiver
with Configurable Output Voltage and 3-State Outputs
7
P-0.4
08/11/03
PARAMETER MEASUREMENT INFORMATION FOR B TO A
VCCA =4.5V TO 5.5V and VCCB = 2.7V to 3.6V
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 3. Load Circuit and Voltage Waveforms
tPZL
Output
Control
0V
1.5V
50% VCCA
1.5V
tPLZ
tPHZ
VOL
VCCA
0V
tPZH
+0.3V
–0.3V
Output
Waveform 1
S1 at 2X VCCA
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
3V
50% VCCA
500Ω
500
2X VCCA
Open
GND
S1
From Output
Under Test
CL = 50pF
(See Note A)
Input
tPLH
tPHL
0V
Output
VOH
VOL
1.5V
1.5V
3V
50% VCCA
50% VCCA
Test
S1
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2X VCCAGND


Similar Part No. - PI74LVCC4245AS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AL PERICOM-PI74LVCC3245AL Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245ALE PERICOM-PI74LVCC3245ALE Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AQ PERICOM-PI74LVCC3245AQ Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
PI74LVCC3245AS PERICOM-PI74LVCC3245AS Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
More results

Similar Description - PI74LVCC4245AS

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LVCC3245A PERICOM-PI74LVCC3245A Datasheet
479Kb / 10P
   8-Bit Dual Supply Bus Transceiver with Configurable Output Voltage and 3-State Outputs
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DBR TI1-SN74LVC245DBR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245PWR TI-SN74LVC245PWR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245 TI-SN74LVCH8T245 Datasheet
897Kb / 28P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com