Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256D64S8HA0G-6 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NT256D64S8HA0G-6
Description  184pin Two Bank Unbuffered DDR SDRAM MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S8HA0G-6 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NT256D64S8HA0G-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D64S8HA0G-6 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NT256D64S8HA0G-6
256MB : 32M x 64
PC2700 Unbuffered DIMM
Preliminary, 11/2001
11
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Serial Presence Detect
SPD Entry Value
Serial PD Data Entry
(Hexadecimal)
Byte
Description
-6
-6
Note
0
Number of Serial PD Bytes Written during Production
128
80
1
Total Number of Bytes in Serial PD device
256
08
2
Fundamental Memory Type
SDRAM DDR
07
3
Number of Row Addresses on Assembly
12
0C
4
Number of Column Addresses on Assembly
10
0A
5
Number of DIMM Bank
2
02
6.
Data Width of Assembly
X64
40
7
Data Width of Assembly (cont’)
X64
00
8
Voltage Interface Level of this Assembly
SSTL 2.5V
04
9
SDRAM Device Cycle Time at CL=2.5
6ns
60
10
SDRAM Device Access Time from Clock at CL=2.5
0.7ns
70
11
DIMM Configuration Type
Non-Parity
00
12
Refresh Rate/Type
15.6µs / SR
80
13
Primary SDRAM Width
X8
08
14
Error Checking SDRAM Device Width
N/A
00
15
SDRAM Device Attributes :
Minimum Clock Delay, Random Column Access
1 Clock
01
16
SDRAM Device Attributes: Burst Length Supported
2,4,8
0E
17
SDRAM Device Attributes: Number of Device Banks
4
04
18
SDRAM Device Attributes: CAS Latency
2, 2.5
0C
19
SDRAM Device Attributes: CS Latency
0
01
20
SDRAM Device Attributes: WE Latency
1
02
21
SDRAM Module Attributes
Differential Clock
20
22
SDRAM Device Attributes: General
+/-0.2V Voltage Tolerance
00
23
Minimum Clock Cycle at CL=2
7.5ns
75
24
Maximum Data Access Time from Clock at CL=2
± 0.7ns
70
25
Minimum Clock Cycle Time at CL=1
N/A
00
26
Maximum Data Access Time from Clock at CL=1
N/A
00
27
Minimum Row Precharge Time (tRP)
18ns
48
28
Minimum Row Active to Row Active delay (tRRD)
12ns
30
29
Minimum RAS to CAS delay (tRCD)
18ns
48
30
Minimum RAS Pulse Width (tRAS)
42ns
2A
31
Module Bank Density
128MB
20
32
Address and Command Setup Time Before Clock
0.75ns
75
33
Address and Command Hold Time After Clock
0.75ns
75
34
Data Input Setup Time Before Clock
0.45ns
45
35
Data Input Hold Time After Clock
0.45ns
45
36-61
Reserved
Undefined
00
62
SPD Revision
0
00
63
Checksum Data
E8
64-71
Manufacturer’s JEDED ID Code
NANYA
7F7F7F0B00000000
72
Module Manufacturing Location
N/A
00
73-90
Module Part number
N/A
N/A
N/A
00
00
00
91-92
Module Revision Code
N/A
00
93-94
Module Manufacturing Data
Year / Week Code
yy/ww
1,2
95-98
Module Serial Number
Serial Number
00
99-255
Reserved
Undefined
00
1.
yy= Binary coded decimal year code, 0-99(Decimal), 00-63(Hex)
2.
ww= Binary coded decimal year code, 01-52(Decimal), 01-34(Hex)


Similar Part No. - NT256D64S8HA0G-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S8HA0G-75B ETC1-NT256D64S8HA0G-75B Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G-7K ETC1-NT256D64S8HA0G-7K Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G-8B ETC1-NT256D64S8HA0G-8B Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
More results

Similar Description - NT256D64S8HA0G-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S8HA0G ETC1-NT256D64S8HA0G Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
logo
List of Unclassifed Man...
NT256S64V8HC0G ETC1-NT256S64V8HC0G Datasheet
156Kb / 10P
   32Mx64 bit Two Bank Unbuffered SDRAM Module
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com