Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55318C01A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M55318C01A
Description  OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)), 0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M55318C01A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M55318C01A Datasheet HTML 1Page - List of Unclassifed Manufacturers M55318C01A Datasheet HTML 2Page - List of Unclassifed Manufacturers M55318C01A Datasheet HTML 3Page - List of Unclassifed Manufacturers M55318C01A Datasheet HTML 4Page - List of Unclassifed Manufacturers M55318C01A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TABLE I. Dash numbers and operating characteristics.
1/ Maximum input current for no load condition. Actual configuration of CMOS loads must be added to determine power supply
requirements.
Dash
number
Output
frequency
range
Supply
voltage
±10%
Maximum
Input
current at
maximum
Output voltage
Rise and
fall times
(max)
Initial
accuracy
ppm at
+23
°C
Frequency
aging
ppm/year
after
Frequency-temperature
tolerance (ppm)
supply
voltage
1/
Logic: 1
(min)
Logic: 0
(max)
±1°C
30 days
-55
°C
to
+125
°C
-55
°C
to
+105
°C
-20
°C
to
+70
°C
A
B
C
V dc
mA
V dc
V dc
ns
01
02
0.01 Hz
to
15.0 MHz
+15
+15
25
25
12.8
12.8
1.5
1.5
30
30
±15
±25
±5
±10
±50
±100
±40
±80
±25
±50
11
12
0.01 Hz
to
12.0 MHz
+12
+12
20
20
10.2
10.2
1.2
1.2
35
35
±15
±25
±5
±10
±50
±100
±40
±80
±25
±50
21
22
0.01 Hz
to
10.0 MHz
+10
+10
15
15
8.5
8.5
1.0
1.0
40
40
±15
±25
±5
±10
±50
±100
±40
±80
±25
±50
31
32
0.01 Hz
to
8.0 MHz
+8
+8
10
10
6.8
6.8
0.8
0.8
50
50
±15
±25
±5
±10
±50
±100
±40
±80
±25
±50
41
42
0.01 Hz
to
5.0 MHz
+5
+5
3
3
4.2
4.2
0.5
0.5
70
70
±15
±25
±5
±10
±50
±100
±40
±80
±25
±50


Similar Part No. - M55318C01A

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M55310/30-B11A MTRONPTI-M55310/30-B11A Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11AT MTRONPTI-M55310/30-B11AT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11B MTRONPTI-M55310/30-B11B Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11BT MTRONPTI-M55310/30-B11BT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11C MTRONPTI-M55310/30-B11C Datasheet
465Kb / 2P
   QPL Oscillators
More results

Similar Description - M55318C01A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
logo
TEMEX
QEN79 TEMEX-QEN79 Datasheet
346Kb / 3P
   Defense airborne - Crystal oscillator - XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
logo
Integrated Device Techn...
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com