Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256D64S88A0G-8B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NT256D64S88A0G-8B
Description  184pin One Bank Unbuffered DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88A0G-8B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88A0G-8B Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 13Page - List of Unclassifed Manufacturers NT256D64S88A0G-8B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NT256D64S88A0G
256MB : 32M x 64
PC2100 / PC1600 Unbuffered DIMM
Preliminary 08 / 2001
10
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Operating, Standby, and Refresh Currents
( TA = 0 °C ~ 70 °C ; VDDQ = 2.5V ± 0.2V; VDD = 2.5V ± 0.2V, See AC Characteristics)
Symbol
Parameter/Condition
PC1600
PC2100
Unit
Notes
I DD0
Operating Current : one bank; active / precharge; tRC = tRC (MIN) ;
tCK = tCK (MIN) ; DQ, DM, and DQS inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
600
680
mA
1,2
I DD1
Operating Current : one bank; active / read / precharge; Burst = 2;
tRC = tRC (MIN) ; CL=2.5; tCK = tCK (MIN) ; IOUT = 0mA;
address and control inputs changing once per clock cycle
720
880
mA
1,2
I DD2P
Precharge Power-Down Standby Current :
all banks idle; power-down mode; CKE
≤ VIL (MAX) ; tCK = tCK (MIN)
120
120
mA
1,2
I DD2N
Idle Standby Current : CS
≥ VIH (MIN) ; all banks idle; CKE ≥ VIH(MIN) ;
tCK = tCK (MIN) ; address and control inputs changing once per clock cycle
240
280
mA
1,2
I DD3P
Active Power-Down Standby Current : one bank active;
power-down mode; CKE
≤ VIL (MAX) ; tCK = tCK (MIN)
120
120
mA
1,2
I DD3N
Active Standby Current : one bank; active / precharge; CS
≥ VIH (MIN) ;
CKE
≥ VIH (MIN) ; tRC = tRAS (MAX) ; tCK = tCK (MIN) ; DQ, DM, and DQS
inputs changing twice per clock cycle;
address and control inputs changing once per clock cycle
400
480
mA
1,2
I DD4R
Operating Current : one bank; Burst = 2; reads; continuous burst;
address and control inputs changing once per clock cycle;
DQ and DQS outputs changing twice per clock cycle; CL = 2.5;
tCK = tCK (MIN) ; IOUT = 0mA
1040
1320
mA
1,2
I DD4W
Operating Current : one bank; Burst = 2; writes; continuous burst;
address and control inputs changing once per clock cycle;
DQ and DQS inputs changing twice per clock cycle; CL=2.5;
tCK = tCK (MIN)
920
1200
mA
1,2
t RC = t RFC (MIN)
1280
1360
mA
1,2
I DD5
Auto-Refresh Current :
t RC = 7.8 µs
132
132
mA
1,2,4
I DD6
Self-Refresh Current : CKE
≤ ?0.2V
16
16
mA
1,2,3
1. I DD specifications are tested after the device is properly initialized.
2. Input slew rate = 1V/ ns .
3. Enables on-chip refresh and address counters.
4. Current at 7.8 µs is time averaged value of IDD5 at tRFC (MIN) and IDD2P over 7.8 µs.


Similar Part No. - NT256D64S88A0G-8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-75B ETC1-NT256D64S88A2GM-75B Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-7K ETC1-NT256D64S88A2GM-7K Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88A2GM-8B ETC1-NT256D64S88A2GM-8B Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
More results

Similar Description - NT256D64S88A0G-8B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT128D64S88A0G ETC-NT128D64S88A0G Datasheet
191Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88ABG ETC1-NT256D64S88ABG Datasheet
833Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G-6 ETC1-NT256D64S8HA0G-6 Datasheet
183Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G ETC1-NT256D64S8HA0G Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
logo
Hynix Semiconductor
HYMD532646CP6-H HYNIX-HYMD532646CP6-H Datasheet
454Kb / 30P
   184pin Unbuffered DDR SDRAM DIMMs
logo
List of Unclassifed Man...
NT256S72V89A0G ETC1-NT256S72V89A0G Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com