Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256D64S88B1G Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NT256D64S88B1G
Description  184 pin Unbuffered DDR DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88B1G Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88B1G Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 13Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 14Page - List of Unclassifed Manufacturers NT256D64S88B1G Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
NT512D64S8HB1G / NT512D64S8HB1GY / NT512D64S8HB0G
NT256D64S88B1G / NT256D64S88B1GY NT256D64S88B0G
NT128D64SH4B1G / NT512D72S8PB0G (ECC) / NT256D72S89B0G (ECC)
Unbuffered DDR DIMM
REV 2.2
11
Aug 3, 2004
Preliminary
© NANYA TECHNOLOGY CORPORATION
NANYA reserves the right to change products and specifications without notice.
SPD Values for NT512D64S8HBxGx
PC3200 (5T)
PC2700 (6K)
PC2100 (75B)
Byte
Value
Hex
Value
Hex
Value
Hex
0
128
80
128
80
128
80
1
256
08
256
08
256
08
2
SDRAM DDR
07
SDRAM DDR
07
SDRAM DDR
07
3
13
0D
13
0D
13
0D
4
10
0A
10
0A
10
0A
5
2
02
2
02
2
02
6
x64
40
x64
40
x64
40
7
x64
00
x64
00
x64
00
8
SSTL 2.5V
04
SSTL 2.5V
04
SSTL 2.5V
04
9
5.0ns
50
6.0ns
60
7.5ns
75
10
6.0ns
60
7.0ns
70
7.5ns
75
11
Non-Parity
00
Non-Parity
00
Non-Parity
00
12
SR/1x(7.8us)
82
SR/1x(7.8us)
82
SR/1x(7.8us)
82
13
x8
08
x8
08
x8
08
14
N/A
00
N/A
00
N/A
00
15
1 Clock
01
1 Clock
01
1 Clock
01
16
2,4,8
0E
2,4,8
0E
2,4,8
0E
17
4
04
4
04
4
04
18
2/2.5/3
1C
2/2.5
0C
2/2.5
0C
19
0
01
0
01
0
01
20
1
02
1
02
1
02
21
Differential Clock
20
Differential Clock
20
Differential Clock
20
22
±0.1V Tolerance
00
±0.2V Tolerance
00
±0.2V Tolerance
00
23
6ns
60
7.5ns
75
10ns
A0
24
0.70ns
70
0.70ns
70
0.75ns
75
25
7.5ns
75
N/A
00
N/A
00
26
7.5ns
75
N/A
00
N/A
00
27
15ns
3C
18ns
48
20ns
50
28
10ns
28
12ns
30
15ns
3C
29
15ns
3C
18ns
48
20ns
50
30
40ns
28
42ns
2A
45ns
2D
31
256MB
40
256MB
40
256MB
40
32
0.60ns
60
0.75ns
75
0.90ns
90
33
0.60ns
60
0.75ns
75
0.90ns
90
34
0.40ns
40
0.45ns
45
0.50ns
50
35
0.40ns
40
0.45ns
45
0.50ns
50
36-40
Reserved
00
Reserved
00
Reserved
00
41
55ns
37
60ns
3C
65ns
41
42
70ns
46
72ns
48
75ns
4B
43
8ns
20
12ns
30
12ns
30
44
0.4ns
28
0.4ns
28
0.5ns
32
45
0.50ns
50
0.55ns
55
0.75ns
75
46-61
Reserved
00
Reserved
00
Reserved
00
62
Initial
00
Initial
00
Initial
00
63
Checksum
8F
Checksum
3C
Checksum
23
64-71
NANYA
7F7F7F0B
00000000
NANYA
7F7F7F0B
00000000
NANYA
7F7F7F0B
00000000
72
Assembly
--
Assembly
--
Assembly
--
73-90
Module PN
--
Module PN
--
Module PN
--
91-92
Revision
--
Revision
--
Revision
--
93-94
Year/Week Code
--
Year/Week Code
--
Year/Week Code
--
95-98
Serial Number
--
Serial Number
--
Serial Number
--
99-127
Reserved
--
Reserved
--
Reserved
--


Similar Part No. - NT256D64S88B1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-75B ETC1-NT256D64S88A0G-75B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-7K ETC1-NT256D64S88A0G-7K Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-8B ETC1-NT256D64S88A0G-8B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
More results

Similar Description - NT256D64S88B1G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com