Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256S64V8HC0G Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NT256S64V8HC0G
Description  32Mx64 bit Two Bank Unbuffered SDRAM Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256S64V8HC0G Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NT256S64V8HC0G Datasheet HTML 2Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 3Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256S64V8HC0G Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NT256S64V8HC0G
256MB : 32M x 64
Unbuffered SDRAM Module
Preliminary 10 / 2001
7
© NANYA TECHNOLOGY CORP.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
AC Characteristics (TA =0 to 70 °C , VDD =3.3 ± 0.3V)
1. An initial pause of 200us,with DQMB0-7 and CKE0 held high, is required after power-up. A Precharge All Banks command must be given
followed by a minimum of eight Auto (CBR) Refresh cycles before or after the Mode Register Set operation.
2. The Transition time is measured between VIH
and VIL (or between VIH and VIL ).
3. In addition to meeting the transition rate specification, the CK0, CK2, and CKE0 signals must transit between VIH and VIL (or between VIL
and VIH ) in a monotonic manner.
4. AC timing tests have VIL =0.8Vand VIH = 2.0 V with the timing referenced to the 1.40V crossover point.
5. AC measurements assume t T =1.2 ns.
AC Output Load Circuits
Clock
Input
Output
tHOLD
tSETUP
tCKL
tCKH
tT
VIH
VIL
1.4V
1.4V
tAC
tLZ
tOH
1.4V
Output
Zo = 50 ohm
50 pF
AC Output Load Circuit


Similar Part No. - NT256S64V8HC0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256S72V89A0G ETC1-NT256S72V89A0G Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
NT256S72V89A0G-75B ETC1-NT256S72V89A0G-75B Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
NT256S72V89A0G-7K ETC1-NT256S72V89A0G-7K Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
NT256S72V89A0G-8B ETC1-NT256S72V89A0G-8B Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
More results

Similar Description - NT256S64V8HC0G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S8HA0G-6 ETC1-NT256D64S8HA0G-6 Datasheet
183Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
NT256D64S8HA0G ETC1-NT256D64S8HA0G Datasheet
182Kb / 13P
   184pin Two Bank Unbuffered DDR SDRAM MODULE
logo
White Electronic Design...
WED3DG6432V-D1 WEDC-WED3DG6432V-D1 Datasheet
80Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6435V-D2 WEDC-W3DG6435V-D2 Datasheet
109Kb / 6P
   256MB - 32Mx64 SDRAM UNBUFFERED
logo
List of Unclassifed Man...
NT256S72V89A0G ETC1-NT256S72V89A0G Datasheet
179Kb / 12P
   32Mx72 bit One Bank Unbuffered SDRAM Module
logo
White Electronic Design...
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-JD1 WEDC-W3DG6433V-JD1 Datasheet
220Kb / 8P
   256MB - 32Mx64 SDRAM, UNBUFFERED
W3DG6433V-D2 WEDC-W3DG6433V-D2 Datasheet
99Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
WED3DG6435V-AD1 WEDC-WED3DG6435V-AD1 Datasheet
184Kb / 7P
   256MB - 32Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com