Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55318B21A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M55318B21A
Description  OSCILLATOR, CRYSTAL CONTROLLED, TYPE 1 (CRYSTAL OSCILLATOR (XO)), 0.01 Hz THROUGH 15.0 MHz, HERMETIC SEAL, SQUARE WAVE, CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M55318B21A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M55318B21A Datasheet HTML 1Page - List of Unclassifed Manufacturers M55318B21A Datasheet HTML 2Page - List of Unclassifed Manufacturers M55318B21A Datasheet HTML 3Page - List of Unclassifed Manufacturers M55318B21A Datasheet HTML 4Page - List of Unclassifed Manufacturers M55318B21A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MIL-PRF-55310/18D
2
REQUIREMENTS:
Interface and physical dimensions: See figure 1.
Mounting: See figure 1.
Terminals: See figure 1.
Seal: Hermetic in accordance with MIL-PRF-55310, maximum leakage rate 5 x 10
-8 atm cc/s.
Weight: 0.5 ounce, maximum.
* Oscillator: Class 2 (see 1.2.3 of MIL-PRF-55310).
Calibration: Manufacturer calibrated.
* Screening: In accordance with MIL-PRF-55310, product level B or S, as applicable.
Temperature:
Operating: See table I.
Storage: -62
°C to +125°C.
Oscillator load: 10 kilohms
±5 percent shunted by 15 pF ±5 percent capacitor for CMOS compatible square.
Output waveform: Symmetrical square wave.
Output voltage: At designated CMOS load.
Logic 1: See table I.
Logic 0: See table I.
Rise and fall times: See table I.
Duty cycle: 40 to 60 percent duty cycle.
Supply voltage: See table I.
Input current: At designated supply voltage (see table I).
Output frequency: Frequency as designated at time of acquisition (see table I).
Initial accuracy at reference temperature (up to 30 days after shipment): See table I.
Initial frequency-temperature accuracy (one-half temperature cycle): Verification applicable. 1/
Frequency-temperature tolerance (one-half temperature cycle, referenced to frequency measured at +23
°C ±1°C,
immediately prior to starting of the test): See table I. Measurements taken at ten equally spaced increments over
the specified operating temperature range. 1/
1/
For the purpose of transitioning this device to MIL-PRF-55310, ‘Frequency stability versus temperature’ has
been renamed ‘Frequency-temperature tolerance’. The verification requirements of ‘initial frequency-
temperature accuracy (one-half temperature cycle)’ shall apply except that frequency measurements shall
be referenced to the frequency measured at +23
°C ±1°C (fref) instead of to the nominal frequency (fnom).


Similar Part No. - M55318B21A

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M55310/30-B11A MTRONPTI-M55310/30-B11A Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11AT MTRONPTI-M55310/30-B11AT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11B MTRONPTI-M55310/30-B11B Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11BT MTRONPTI-M55310/30-B11BT Datasheet
465Kb / 2P
   QPL Oscillators
M55310/30-B11C MTRONPTI-M55310/30-B11C Datasheet
465Kb / 2P
   QPL Oscillators
More results

Similar Description - M55318B21A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Integrated Device Techn...
XLP IDT-XLP_17 Datasheet
373Kb / 11P
   IDT XO LVPECL Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
logo
TEMEX
QEN79 TEMEX-QEN79 Datasheet
346Kb / 3P
   Defense airborne - Crystal oscillator - XO
logo
Integrated Device Techn...
XUO IDT-XUO_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
   IDT XO HCMOS Crystal Oscillator
logo
TEMEX
QEN49 TEMEX-QEN49 Datasheet
303Kb / 2P
   Defense ground - Crystal oscillator - XO
logo
Integrated Device Techn...
XUN IDT-XUN_17 Datasheet
289Kb / 12P
   IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com