Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC180D-14B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SVC180D-14B
Description  CERAMIC SURGE ABSORBERS (VARISTORS)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SVC180D-14B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SVC180D-14B Datasheet HTML 1Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 2Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 3Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 4Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 5Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 6Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 7Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 8Page - List of Unclassifed Manufacturers SVC180D-14B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
49
CERAMIC SURGE ABSORBERS (VARISTORS)
SVC
Body Diameter
D
See Page 46
Body thickness
T
Lead diameter
d
0.55±0.05
0.70±0.05
Pitch of sprocket hole
P0
12.7±0.3
Pitch of component
P
6.35±1.3
25.4±1.0
Lead lenth from hole center to Lead
P1
3.85±0.7
8.95±1.0
Lead length from hole center to
P2
6.35±1.3
12.7±1.5
component center
Lead spacing
F
5.0
7.5±1.0
Deviation along tape
△S
0±1.0
Deviation across tape
△h
0±2.0
Carrier tape width
W
18.0
Hold down tape width
W0
5.0min 9.0min
Position of sprocket hole
W1
9.0±0.5
Hold down tape position
W2
3.0max
Lead wire clinch height
H0
16.0±0.5
Height of component hole
H
20.0
Component height
H1
32.25max
Diameter of sprocket hole
D0
4.0±0.2
Length of snipped lead
L
11.0max
Total tape thickness
t1
0.7±0.2
Total thickness tape and lead wire
t2
1.5max
1.7max
Length of snipped lead
lx
1.0max
ITEM
Code
+1.0
-0.5
+1.5
-1.0
FS5, FK5
FF9
Dimensions(mm)
Body Diameter
D
See Page 46
Body thickness
T
Lead diameter
d
0.70±0.05
Pitch of sprocket hole
P0
15.0±0.3
Pitch of component
P
15.0±1.0
30.0±1.0
Lead lenth from hole center to Lead
P1
3.75±1.0
Lead length from hole center to
P2
7.50±1.5
component center
Lead spacing
F
7.5±1.0
Deviation along tape
△S
0±1.0
Deviation across tape
△h
0±2.0
Carrier tape width
W
18.0
Hold down tape width
W0
5.0min
Position of sprocket hole
W1
9.0±0.5
Hold down tape position
W2
3.0max
Lead wire clinch height
H0
16.0±0.5
Height of component hole
H
20.0
Component height
H1
40.00max
Diameter of sprocket hole
D0
4.0±0.2
Length of snipped lead
L
11.0max
Total tape thickness
t1
0.7±0.2
Total thickness tape and lead wire
t2
1.7max
Length of snipped lead
lx
1.0max
ITEM
Code
+1.0
-0.5
+1.5
-1.0
FF7
FF8
Dimensions(mm)
+0.8
-0.2


Similar Part No. - SVC180D-14B

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
SVC180D-14B SAMWHA-SVC180D-14B Datasheet
2Mb / 10P
   SVC Varistors Type
More results

Similar Description - SVC180D-14B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS41 HUAXINAN-GS41 Datasheet
166Kb / 2P
   Surge Absorbers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com