Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256D72S890G-5T Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NT256D72S890G-5T
Description  184 pin Unbuffered DDR DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D72S890G-5T Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NT256D72S890G-5T Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 12Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 13Page - List of Unclassifed Manufacturers NT256D72S890G-5T Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
NT512D64S8HB1G / NT512D64S8HB1GY / NT512D64S8HB0G
NT256D64S88B1G / NT256D64S88B1GY NT256D64S88B0G
NT128D64SH4B1G / NT512D72S8PB0G (ECC) / NT256D72S89B0G (ECC)
Unbuffered DDR DIMM
REV 2.2
10
Aug 3, 2004
Preliminary
© NANYA TECHNOLOGY CORPORATION
NANYA reserves the right to change products and specifications without notice.
Serial Presence Detect
SPD Description
Byte
Description
Byte
Description
0
Number of Serial PD Bytes Written during Production
26
Maximum Data Access Time from Clock at CL=1
1
Total Number of Bytes in Serial PD device
27
Minimum Row Precharge Time (tRP)
2
Fundamental Memory Type
28
Minimum Row Active to Row Active delay (tRRD)
3
Number of Row Addresses on Assembly
29
Minimum RAS to CAS delay (tRCD)
4
Number of Column Addresses on Assembly
30
Minimum RAS Pulse Width (tRAS)
5
Number of DIMM Rank
31
Module Bank Density
6
Data Width of Assembly
32
Address and Command Setup Time Before Clock
7
Data Width of Assembly (cont’)
33
Address and Command Hold Time After Clock
8
Voltage Interface Level of this Assembly
34
Data Input Setup Time Before Clock
9
DDR SDRAM Device Cycle Time
CL=2.5
35
Data Input Hold Time After Clock
10
DDR SDRAM Device Access Time from Clock
CL=2.5
36-40
Reserved
11
DIMM Configuration Type
41
Minimum Active/Auto-refresh Time (tRC)
12
Refresh Rate/Type
42
Auto-refresh to Active/Auto-refresh Command Period
(tRFC)
13
Primary DDR SDRAM Width
43
Max Cycle Time (tCK max)
14
Error Checking DDR SDRAM Device Width
44
Maximum DQS-DQ Skew Time (tDQSQ)
15
DDR SDRAM Device Attr: Min CLK Delay, Random Col
Access
45
Maximum Read Data Hold Skew Factor (tQHS)
16
DDR SDRAM Device Attributes: Burst Length
Supported
46-61
Reserved
17
DDR SDRAM Device Attributes: Number of Device
Banks
62
SPD Revision
18
DDR SDRAM Device Attributes:
CAS Latencies Supported
63
Checksum Data
19
DDR SDRAM Device Attributes: CS Latency
64-71
Manufacturer’s JEDEC ID Code
20
DDR SDRAM Device Attributes: WE Latency
72
Module Manufacturing Location
21
DDR SDRAM Device Attributes:
73-90
Module Part number
22
DDR SDRAM Device Attributes: General
91-92
Module Revision Code
23
Minimum Clock Cycle
CL=2.5
93-94
Module Manufacturing Data
yy= Binary coded decimal year code, 0-99(Decimal),
00-63(Hex)
ww= Binary coded decimal year code, 01-52(Decimal),
01-34(Hex)
24
Maximum Data Access Time from Clock at
CL=2
95-98
Module Serial Number
25
Minimum Clock Cycle Time at CL=1
99-127
Reserved


Similar Part No. - NT256D72S890G-5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D72S89AKGU ETC1-NT256D72S89AKGU Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
NT256D72S89AKGU-75B ETC1-NT256D72S89AKGU-75B Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
NT256D72S89AKGU-7K ETC1-NT256D72S89AKGU-7K Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
NT256D72S89AKGU-8B ETC1-NT256D72S89AKGU-8B Datasheet
964Kb / 15P
   184pin Low Profile Registered DDR SDRAM MODULE
More results

Similar Description - NT256D72S890G-5T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com