Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT256D64S88B0G-75B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NT256D64S88B0G-75B
Description  184 pin Unbuffered DDR DIMM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NT256D64S88B0G-75B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NT256D64S88B0G-75B Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 10Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 11Page - List of Unclassifed Manufacturers NT256D64S88B0G-75B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
NT512D64S8HB1G / NT512D64S8HB1GY / NT512D64S8HB0G
NT256D64S88B1G / NT256D64S88B1GY NT256D64S88B0G
NT128D64SH4B1G / NT512D72S8PB0G (ECC) / NT256D72S89B0G (ECC)
Unbuffered DDR DIMM
REV 2.2
8
Aug 3, 2004
Preliminary
© NANYA TECHNOLOGY CORPORATION
NANYA reserves the right to change products and specifications without notice.
Functional Block Diagram
2 Ranks, 18 devices (ECC), 32Mx8 DDR SDRAMs
Serial PD
A0
A2
A1
SCL
WP
SDA
SA0
SA2
SA1
3. DQ/DQS/DM/DQS resistors are 22 Ohms.
Notes :
1. DQ-to-I/O wring may be changed within a byte.
2. DQ/DQS/DM/CKE/S relationships are maintained as shown.
4. V
DDID strap connections (for memory device VDD, VDDQ):
STRAP OUT (OPEN): V
DD = VDDQ
STRAP IN (V
SS): VDD is not equal to VDDQ.
V
DDSPD
V
SS
V
REF
V
DDID
V
DD/VDDQ
Strap: see Note 4
SPD
D0-D8
D0-D8
D0-D8
A0-A13
RAS
BA0-BA1
BA0-BA1 : SDRAMs D0-D17
A0-A13 : SDRAMs D0-D17
RAS : SDRAMs D0-D17
CKE0
WE
CAS
CAS : SDRAMs D0-D17
CKE : SDRAMs D0-D8
CKE : SDRAMs D9-D17
WE : SDRAMs D0-D17
CKE1
* Wire per Clock Loading Table/
Wiring Diagrams
* Clock Wiring
Clock Input
SDRAMs
*CK0/
CK0
*CK1/
CK1
*CK2/
CK2
6 SDRAMs
6 SDRAMs
6 SDRAMs
S0
DM0/DQS9
DQ0
DQ1
DQ2
DQ7
DQ4
DQ6
DQ5
DQ3
DQ8
DQ9
DQ10
DQ15
DQ12
DQ14
DQ13
DQ11
DQ16
DQ17
DQ18
DQ23
DQ20
DQ22
DQ21
DQ19
DQ24
DQ25
DQ26
DQ31
DQ28
DQ30
DQ29
DQ27
DQS0
DM4/DQS13
DQS4
DM1/DQS10
DQS1
DM2/DQS11
DQS2
DM3/DQS12
DQS3
DQ32
DQ33
DQ34
DQ39
DQ36
DQ38
DQ37
DQ35
DQ40
DQ41
DQ42
DQ47
DQ44
DQ46
DQ45
DQ43
DQS5
DM5/DQS14
DQ48
DQ49
DQ50
DQ55
DQ52
DQ54
DQ53
DQ51
DQ56
DQ57
DQ58
DQ63
DQ60
DQ62
DQ61
DQ59
DQS6
DM6/DQS15
DQS7
DM7/DQS16
S1
CB0
CB1
CB2
CB7
CB4
CB6
CB5
CB3
DM8/DQS17
DQS8
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D0
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D9
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D1
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D10
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D2
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D11
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D3
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D12
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D8
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D17
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D4
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D13
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D5
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D14
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D6
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D15
DQS
I/O 7
I/O 6
I/O 3
I/O 4
I/O 5
I/O 0
I/O 1
I/O 2
DM
CS
D7
DQS
I/O 0
I/O 1
I/O 4
I/O 3
I/O 2
I/O 7
I/O 6
I/O 5
DM
CS
D16
DQS


Similar Part No. - NT256D64S88B0G-75B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-75B ETC1-NT256D64S88A0G-75B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-7K ETC1-NT256D64S88A0G-7K Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-8B ETC1-NT256D64S88A0G-8B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
   200pin One Bank Unbuffered DDR SO-DIMM
More results

Similar Description - NT256D64S88B0G-75B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com