Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT73C201 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT73C201
Description  POWER SUPPLY AND BATTERY MANAGEMENT IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C201 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT73C201 Datasheet HTML 1Page - ATMEL Corporation AT73C201 Datasheet HTML 2Page - ATMEL Corporation AT73C201 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2741AS–PMGMT–11/03
Features
Eight High Performance Low Dropout Voltage Regulators (LDO)
– Three Low Dropout Voltage Regulators (LDO) for Analog, Memories and Baseband
Digital I/O
– Two Low Dropout Voltage Regulators (LDO) High PSRR Low Noise for Radio
Section
– Two Low Dropout Voltage Regulators (LDO) Dual Mode High PSRR for Baseband
Core Section
DC to DC 5.6V Converter
One 4.5V Voltage Regulator
10V Supply Generator
Li-Ion and Ni-Mh Battery Charge Control Interface
Analog to Digital 8-bit Converter
Safety Charge Timers
Power On/Off And Reset Control Logic
Over And Under-voltage System Shutdown
Voltage Detectors With Auto Power Off
On-chip Temperature Sensor
NTC Programmable Current Bias
Three Audio Amplifiers
– 0.5W on 8
Ω Audio Amplifier for Handsfree
– Audio Amplifier for Earpieces
– Audio Amplifier for Car Kit
Two Backlight LED Drivers for Keyboard and Display
Two Auxiliary Constant Current Source LED Drivers
Vibrator Driver
Two Power Supply Switches
32 kHz Crystal Oscillator
Two Digital to Analog 8-bit Converters
Serial Peripheral Interface (SPI)
100-Thin Fine-pitch Ball Grid Array Package (TFBGA), 9 x 9 mm
Description
The AT73C201 is a low cost, high performance, fully integrated Battery and Power
Management System for Wireless Cellular Terminals.
The AT73C201 integrates all the regulated power supplies needed to power a terminal
chipset from a Lithium-Ion or Ni-Mh battery pack to Baseband ICs and Memories,
Radio Transceiver, Analog, VCXO, LNA and PA bias and Sim Card in the case of
GSM.
Auxiliary low Ron power supply PMOS switches are available from either the battery
pack or internal regulated power supplies, providing optimum power management by
turning on or off different elements of a handset. The AT73C201 also includes a vibra-
tor motor driver, a set of LED drivers, a smart reset circuit, and a Battery Charger
Switch Driver with built-in state machine for safe boot and pre-charge operation.
In addition, a set of 3 Audio Programmable Gain Amplifiers are provided for handsfree
(on 8
Ω Loudspeaker), Earpiece and Car Kit easy interfacing.
The functions are supervised by a set of voltage monitors, timers and a temperature
shutdown circuit connected to the internal state machine.
Voltages and on-chip temperatures are also visible from an external pin through a mul-
tiplexer for proper connection to the external Baseband ADC.
The AT73C201 is available in a 9x9mm outline, 10x10 ball matrix BGA for optimum
size and performance combination. Its very low standby power dissipation and its high
noise and PSRR performances make the AT73C201 ideally suitable for recent appli-
cations on 2.5G and 3G terminals.
Power
Management
AT73C201
Power Supply
and Battery
Management IC
Preliminary
Note: This is a summary document. A complete document
is not available at this time. For more information, please
contact your local Atmel sales office.


Similar Part No. - AT73C201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202 Datasheet
49Kb / 3P
   Power Management for Mobiles (PM)
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
AT73C203 ATMEL-AT73C203 Datasheet
48Kb / 3P
   Power Management IC for Datacom Platforms
AT73C203 ATMEL-AT73C203_14 Datasheet
54Kb / 106P
   Power Management
AT73C204 ATMEL-AT73C204 Datasheet
50Kb / 3P
   Power Management for Mobiles (PM)
More results

Similar Description - AT73C201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
Texas Instruments
TPS65810 TI-TPS65810_07 Datasheet
1Mb / 99P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com