Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5526-AKAC-TRL Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5526-AKAC-TRL
Description  DUAL CHANNEL 500mA REGULATOR - RESET IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5526-AKAC-TRL Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5526-AKAC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5526-AKAC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Ju1., 2003
www.anpec.com.tw
7
APL5525/5526
0
20
40
60
80
100
120
140
160
0
1
2
345
6
IOUT1=IOUT2=0mA
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
4
5
3.280
3.285
3.290
3.295
3.300
3.305
3.310
-25
0
25
50
75
100 125
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
0
100
200
300
400
500
600
0
100
200
300
400
500
Quiescent Current vs. Output Current
Output Current (mA)
VIN = 5V
Quiescent Current vs. Input Voltage
Input Voltage (V)
VOUT1
VOUT2
Input Voltage (V)
Output Voltage vs. Input Voltage
Output Voltage vs. Temperature
Temperature (
°+)
IOUT1 = IOUT2 = 0mA
Typical Characteristics
VOUT1
VOUT2
VOUT2
VOUT1


Similar Part No. - APL5526-AKAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5521 ANPEC-APL5521 Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521K ANPEC-APL5521K Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TR ANPEC-APL5521KC-TR Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TRL ANPEC-APL5521KC-TRL Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
APL5521KC-TU ANPEC-APL5521KC-TU Datasheet
81Kb / 9P
   Dual-Channel, 3.3V/500mA and 2.5V/300mA Linear Regulator
More results

Similar Description - APL5526-AKAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5538 ANPEC-APL5538 Datasheet
382Kb / 17P
   Dual Channel 300mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com