Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1339G-166BGC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1339G-166BGC
Description  4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339G-166BGC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1339G-166BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1339G-166BGC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PRELIMINARY
CY7C1339G
Document #: 38-05520 Rev. *A
Page 7 of 17
Partial Truth Table for Read/Write [2, 8]
Function
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
XXXX
Read
H
L
HHHH
Write Byte A – DQA
H
L
HHH
L
Write Byte B – DQB
HL
H
H
L
H
Write Bytes B, A
H
L
H
H
L
L
Write Byte C– DQC
HL
HL
H
H
Write Bytes C, A
H
L
H
L
H
L
Write Bytes C, B
H
L
H
L
L
H
Write Bytes C, B, A
H
L
H
L
L
L
Write Byte D– DQD
H
L
L
HHH
Write Bytes D, A
H
L
L
H
H
L
Write Bytes D, B
H
L
L
H
L
H
Write Bytes D, B, A
H
L
L
H
L
L
Write Bytes D, C
H
L
L
L
H
H
Write Bytes D, C, A
H
L
L
L
H
L
Write Bytes D, C, B
H
LLLL
H
Write All Bytes
H
LLLLL
Write All Bytes
L
XXXXX
Note:
8.Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.


Similar Part No. - CY7C1339G-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G-166BGC CYPRESS-CY7C1339G-166BGC Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
More results

Similar Description - CY7C1339G-166BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com