Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK1A1B-L2-12V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DK1A1B-L2-12V
Description  MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DK1A1B-L2-12V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DK1A1B-L2-12V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DK1A1B-L2-12V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DK1A1B-L2-12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DK1A1B-L2-12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DK1A1B-L2-12V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DK
241
REFERENCE DATA
1. 1 Form A type
1. Maximum operating power
2. Life curve
3. Operate/Release time
Sample: DK1a-24V, 5 pcs.
AC resistive load
DC resistive
load
DC inductive load
(L/R = 7 ms)
AC inductive load
(cos
ϕ= 0.4)
Contact voltage, V
10
100
1,000
0.1
1
10
100
012
345
67
89
10
10
100
1,000
1
Contact voltage, V
250 V AC resistive load
30 V DC resistive load
250 V AC inductive load (cos
ϕ= 0.4)
30 V DC inductive load (L/R = 7 ms)
80
90
10
110
120
130
140
0
1
2
3
4
5
6
7
8
9
Coil applied voltage,%V
Release time
(with diode)
Operate time
Release time
x
x
Max.
Min.
Max.
Max.
Min.
Min.
x
4. Coil temperature rise (at 30
°C 68°F)
Sample: DK1a-12V, 5 pcs.
5. Ambient temperature characteristics
Sample: DK1a-24V, 6 pcs
Ambient temperature: -40
°C to +80°C –40°F to
+176
°F
6. Operate/Release time (at 20
°C 68°F)
Sample: DK1a-24V (50 pcs.)
7 A
5 A
10 A
0 A
80
90
100 110 120 130
0
10
20
30
40
50
Coil applied voltage,%V
100
20
130
120
110
90
80
70
40
60
80
0
–20
–40
Ambient
temperature,
°C
Drop-out
voltage
Pick-up
voltage
0
10
20
30
Operate/release time, ms
1
2
3456
Operate time
Release time
7. Contact resistance (at 20
°C 68°F)
Sample: DK1a-24V (50 pcs.)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Contact resistance, m
2. 1 Form A 1 Form B type, 2 Form A type
1. Maximum operating power
2. Life curve
3. Operate/Release time (at 20
°C 68°F)
Sample: DK1a1b-12V, 5 pcs.
Contact voltage, V
AC resistive load
DC inductive load
(L/R = 7 ms)
DC resistive
load
AC inductive load
(cos
ϕ= 0.4)
0.1
1
5
10
10
100
1,000
012
345
67
89
10
10
100
1,000
1
Contact current, A
250 V AC resistive load
30 V DC resistive load
250 V AC inductive load (cos
ϕ= 0.4)
30 V DC inductive load (L/R = 7 ms)
80
90
10
110
120
130
140
0
1
2
3
4
5
6
7
8
9
Coil applied voltage,%V
Min.
Max.
x
Max.
Max.
Min.
Min.
Release time
(with diode)
Operate time
Release time
x
x


Similar Part No. - DK1A1B-L2-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DK1A1b-L2-12V PANASONIC-DK1A1b-L2-12V Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
More results

Similar Description - DK1A1B-L2-12V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com