Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB226WK Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HSB226WK
Description  SILICON SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB226WK Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HSB226WK Datasheet HTML 1Page - Hitachi Semiconductor HSB226WK Datasheet HTML 2Page - Hitachi Semiconductor HSB226WK Datasheet HTML 3Page - Hitachi Semiconductor HSB226WK Datasheet HTML 4Page - Hitachi Semiconductor HSB226WK Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSB226WK
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse
voltage
V
RRM
25
V
Non-Repetitive peak
forward surge current
I
FSM
*1*2
200
mA
forward current
I
F
*2
50
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
-55 to +125
°C
Notes: 1. 10msec sine wave 1 pulse
Notes: 2. Two device total
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
V
F1
0.33
V
I
F = 1 mA
V
F2
0.38
V
I
F = 5 mA
Reverse current
I
R
0.45
µAV
R = 20V
Capacitance
C
2.80
pF
V
R = 1V, f = 1 MHz
Note: 1. Per one device


Similar Part No. - HSB226WK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSB226WK RENESAS-HSB226WK Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
More results

Similar Description - HSB226WK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
   Silicon Schottky Barrier Diode
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
   Silicon Schottky Barrier Diode
logo
Nanjing International G...
1N60P DGNJDZ-1N60P Datasheet
75Kb / 1P
   SILICON SCHOTTKY BARRIER DIODE
logo
National Semiconductor ...
HPC36164 NSC-HPC36164 Datasheet
348Kb / 5P
   Silicon Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD784WS SEMTECH_ELEC-SD784WS Datasheet
176Kb / 3P
   SILICON SCHOTTKY BARRIER DIODE
logo
Guangdong Kexin Industr...
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
   Silicon Schottky Barrier Diode
logo
Sanken electric
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
   Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
   Silicon Schottky Barrier Diode
SJPA-D3 SANKEN-SJPA-D3 Datasheet
128Kb / 5P
   Silicon Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com