Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DK1A1B-L2-24V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # DK1A1B-L2-24V
Description  MINIATURE POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DK1A1B-L2-24V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  DK1A1B-L2-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) DK1A1B-L2-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) DK1A1B-L2-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) DK1A1B-L2-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) DK1A1B-L2-24V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DK
242
4. Coil temperature rise
Sample: DK1a1b-12V, 5 pcs.
Ambient temperature: 20
°C 68°F
5. Ambient temperature characteristics
80
90
100 110 120 130
0
10
20
30
40
50
Coil applied voltage,%V
8 A
5 A
0 A
100
20
Ambient
temperature,
°C
Pick-up
voltage
Drop-out
voltage
130
120
110
90
80
70
40
60
80
0
–20
–40
DIMENSIONS
1. 1 Form A type
mm inch
Single side stable type
2 coil latching type
General tolerance:
±0.3 ±.012
20
.787
12.5
.492
7.62
.300
10.16
.400
0.8
.031
0.4
.016
0.4
.016
3.5
.138
1.2
.047
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
20
.787
12.5
.492
7.62
.300
7.62
.300
2.54
.100
0.8
.031
0.4
.016
0.4
.016
0.4
.016
3.5
.138
1.2
.047
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
PC board pattern (Copper-side view)
10.16
.400
7.62
.300
2.54
.100
7.62
.300
1.1 dia.
.043 dia.
10.16
.400
7.62
.300
2.54
.100
7.62
.300
1.1 dia.
.043 dia.
The above shows 2 coil latching type.
No.5 terminal is eliminated on single side
stable type.
Tolerance:
±0.1 ±.004
Schematic
(Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
13
4
6
-
+
13
4
65
-
++
Since this is a polarized relay,
the connection to the coil
should be done according to
the above schematic.
2. 1 Form A 1 Form B type, 2 Form A type
Single side stable type
2 coil latching type
Note:
Relay out-line and PC board pattern are common for both
1 Form A 1 Form B type and 2 Form A type.
General tolerance:
±0.3 ±.012
20
.787
15
.591
7.62
.300
10.16
.400
0.8
.031
0.4
.016
0.4
.016
2.42
.095
3.5
.138
0.8
.031
1.11
.044
9.7
.382
0.3
.012
10.16
.400
15
.591
0.4
.016
2.42
.095
3.5
.138
10.16
.400
20
.787
7.62
.300
7.62
.300
2.54
.100
0.8
.031
0.4
.016
0.6
.024
0.8
.031
1.11
.044
9.7
.382
0.3
.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
10.16
.400
10.16
.400
7.62
.300
1.1 dia.
.043 dia.
10.16
.400
7.62
.300
7.62
.300
2.54
.100
1.1 dia.
.043 dia.
Schematic (Bottom view)
<1 Form A 1 Form B type>
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
13
4
86
5
-
+
13
4
86
5
-
+
7
+
<2 Form A>
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
13
4
86
5
-
+
13
4
86
5
-
+
7
+
Since this is a polarized relay, the connection
to the coil should be done according to the
above schematic.


Similar Part No. - DK1A1B-L2-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DK1A1b-L2-24V PANASONIC-DK1A1b-L2-24V Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
More results

Similar Description - DK1A1B-L2-24V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
   MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
   MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com