Part Name
         Description
AN1324

 Quadruple Operational Amplifiers ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 3 page
background image
s Characteristics Curve
VI (offset)–VCC
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
II (offset)–VCC
15
10
5
0
–5
–10
–15
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
IBias–VCC
80
70
60
50
40
30
20
10
0
0
4
8
12
16
Supply Voltage VCC (V)
20
24
28
32
Ta=25˚C
GV–f
120
100
80
60
40
20
0
1
100
1k
10k
10
100k
1M
Frequency f (Hz)
ICC–VCC
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
040
432
828
20
12
24
16
36
Supply Voltage VCC (V)
IO–Ta
60
50
40
30
20
10
0
–20
20
40
60
0
80
100
Ambient Temperature Ta (˚C)
VO–fi
16
14
12
10
8
6
4
2
0
100
3k
10k
1k
30k
300
100k
1M
300k
Input Frequency fi (Hz)
Vi, VO–t
4
3
2
1
0
3
2
1
0
0
20406080
100
Time t (
µs)
GV–VCC
140
120
100
80
60
08
12
4
1620242832
Supply Voltage VCC (V)
Ta=25˚C
VCC=15V
Ta=25˚C
IOsource
IOsink
VCC=5V
(1)
(2)
(3)
+
+
IOsink
IOsource
Vin
Vin
2k
VO
VCC=15V
fin=20Hz
Duty 50%
+
Vin
(1) Ta=–20˚C
(2) Ta=25˚C
(3) Ta=75˚C
VCC
+
A
Vin
1k
100k
2k
VO
VCC–15V
+
VCC
2
+
OP. Amp.
VCC
VO
Vin
R2
R1
Positive Phase Amplifier
VO= 1 +
Vin
R2
R1
s Application Circuit
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM324KQUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM124QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LM148QUADRUPLE OPERATIONAL AMPLIFIERS 1 2 3 4 5 Texas Instruments
LM2900QUADRUPLE NORTON OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AN6554Quadruple Operational Amplifiers 1 2 3 4 5 Panasonic Semiconductor
MC3303QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor
LF347FAMILY OF JFET OPERATIONAL AMPLIFIERS 1 2 3 4 Motorola, Inc
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
LS204HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl