|
| AN1324 |
|
||
|
PANASONIC |
|
2 page
Input offset voltage VI (offset) 7mV 2 RS=50 Ω IBias 500 nA Input bias current Input offset current IIO 50 nA Common-mode input voltage range 0 VCM V Supply current ICC mA RL= ∞ Voltage gain GV dB 100 RL ≥2kΩ Maximum output voltage VCC–1.5 VO(max.) V RL=2k Ω Common-mode rejection ratio 65 CMR dB 85 Supply voltage rejection ratio 65 SVR dB 100 Channel separation CS dB 120 f=1kHz to 20kHz Output source current IO(source) mA 40 Vin+=1V, Vin–=0V VCC–1.5 2 20 10 Output sink current ISINK mA 20 Vin+=0V, Vin–=1V Parameter Symbol Condition min typ max Unit s Electrical Characteristics (VCC=5V, Ta=25˚C) Pin No. 1 2 3 4 5 6 7 Ch.1 output Ch.1 inverting input Ch.1 non inverting input VCC Ch.2 non inverting input Ch.2 inverting input Ch.2 output Pin No. 8 9 10 11 12 13 14 Ch.3 output Ch.3 inverting input Ch.3 non inverting input GND (VEE) Ch.4 non inverting input Ch.4 inverting input Ch.4 output s Pin Descriptions Pin name Pin name VCC VID VICM VO PD Topr Tstg V V V V mW ˚C ˚C 32 32 –0.3 to 32 24 570 380 –20 to +75 –55 to +150 –55 to +125 Voltage Power dissipation Operating ambient temperature Storage temperature Supply voltage Differential input voltage Common-mode input voltage Output voltage AN1324 (AN6564) AN1324NS (AN6564NS) AN1324 (AN6564) AN1324NS (AN6564NS) Parameter Symbol Rating Unit s Absolute Maximum Ratings (Ta=25˚C) |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM324K | QUADRUPLE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Texas Instruments |
| LM124 | QUADRUPLE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Texas Instruments |
| LM148 | QUADRUPLE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 | Texas Instruments |
| LM2900 | QUADRUPLE NORTON OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Texas Instruments |
| AN6554 | Quadruple Operational Amplifiers | 1 2 3 4 5 | Panasonic Semiconductor |
| MC3303 | QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Texas Instruments |
| LF147 | Wide Bandwidth Quad JFET Input Operational Amplifiers | 1 2 3 4 5 More | National Semiconductor |
| LF347 | FAMILY OF JFET OPERATIONAL AMPLIFIERS | 1 2 3 4 | Motorola, Inc |
| MC34181 | Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers | 1 2 3 4 5 More | ON Semiconductor |
| LS204 | HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |