Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMS6151 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FMS6151
Description  Ultra Portable Video Filter Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6151 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6151 Datasheet HTML 1Page - Fairchild Semiconductor FMS6151 Datasheet HTML 2Page - Fairchild Semiconductor FMS6151 Datasheet HTML 3Page - Fairchild Semiconductor FMS6151 Datasheet HTML 4Page - Fairchild Semiconductor FMS6151 Datasheet HTML 5Page - Fairchild Semiconductor FMS6151 Datasheet HTML 6Page - Fairchild Semiconductor FMS6151 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FMS6151 Rev. 1B
3
www.fairchildsemi.com
DC Electrical Characteristics
Tc = 25˚C, Vcc = 2.7V, Rs = 37.5Ω, AC coupled output into 150Ω load, SAG pin connected to VOUT pin;
unless otherwise noted.
AC Electrical Characteristics
Tc = 25˚C, Vcc = 2.7V, Rs = 37.5Ω, AC coupled output into 150Ω load, SAG pin connected to VOUT pin;
unless otherwise noted.
Notes:
1. 100% tested at 25˚C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
ICC
Supply Current1
Vcc = 2.7V, No load
3.8
6.4
mA
Vin
Video Input Voltage Range
Referenced to GND
1.2
Vpp
Vols
Output Level Shift1
Vin = 0V
50
200
350
mV
PSRR
Vols over power supply
Vcc = 2.7V to 3.3V
40
dB
ISH
Shut Down Current
25
nA
Vil
Disabled Logic Low1
0
0.8
V
Vih
Enabled Logic High1
Vcc*0.6
Vcc
V
tON
Enable Time
1.5
us
tOFF
Disable Time
50
ns
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AV
Gain1
DC
5.6
6.0
6.6
dB
f1dB
-1dB Bandwidth1
5.0
6.7
MHz
fc
-3dB Bandwidth
8
MHz
fSB
Attenuation1(stopband reject)
27MHz
40
47
dB
DG
Differential Gain
0.5
%
DP
Differential Phase
0.5
˚
SNR
Signal-to-Noise Ratio
NTC-7 weighting, 100kHz to 4.2MHz
78
dB


Similar Part No. - FMS6151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6151 FAIRCHILD-FMS6151 Datasheet
484Kb / 9P
   Ultra Portable Video Filter Driver
logo
ON Semiconductor
FMS6151 ONSEMI-FMS6151 Datasheet
658Kb / 11P
   Ultra-Portable Video Filter Driver
June 2010 Rev. 1.0.6
logo
Fairchild Semiconductor
FMS6151L6X FAIRCHILD-FMS6151L6X Datasheet
484Kb / 9P
   Ultra Portable Video Filter Driver
FMS6151L6X FAIRCHILD-FMS6151L6X Datasheet
541Kb / 9P
   Ultra-Portable Video Filter Driver
logo
ON Semiconductor
FMS6151L6X ONSEMI-FMS6151L6X Datasheet
658Kb / 11P
   Ultra-Portable Video Filter Driver
June 2010 Rev. 1.0.6
More results

Similar Description - FMS6151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6151 FAIRCHILD-FMS6151_08 Datasheet
484Kb / 9P
   Ultra Portable Video Filter Driver
logo
ON Semiconductor
FMS6151 ONSEMI-FMS6151 Datasheet
658Kb / 11P
   Ultra-Portable Video Filter Driver
June 2010 Rev. 1.0.6
logo
Fairchild Semiconductor
FMS6151 FAIRCHILD-FMS6151_10 Datasheet
541Kb / 9P
   Ultra-Portable Video Filter Driver
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
   Definition Video Filter Driver
SGM9115 SGMICRO-SGM9115_16 Datasheet
280Kb / 11P
   SDTV Video Filter Driver
SGM9126 SGMICRO-SGM9126 Datasheet
293Kb / 10P
   Definition Video Filter Driver
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
   3-Channel, Video Filter Driver
SGM9155 SGMICRO-SGM9155 Datasheet
504Kb / 13P
   Single Channel, Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com