Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY89542U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89542U
Description  2.5Vm 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89542U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89542U Datasheet HTML 1Page - Micrel Semiconductor SY89542U Datasheet HTML 2Page - Micrel Semiconductor SY89542U Datasheet HTML 3Page - Micrel Semiconductor SY89542U Datasheet HTML 4Page - Micrel Semiconductor SY89542U Datasheet HTML 5Page - Micrel Semiconductor SY89542U Datasheet HTML 6Page - Micrel Semiconductor SY89542U Datasheet HTML 7Page - Micrel Semiconductor SY89542U Datasheet HTML 8Page - Micrel Semiconductor SY89542U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY89542U
MicreL, Inc.
M9999-071505
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
4, 2, 32, 30,
INA0, /INA0,
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
27, 25, 23, 21
INA1, /INA1,
accept AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally
INB0, /INB0,
terminates to a VT pin through 50Ω. Note that these inputs will default to an indeterminate
INB1, /INB1
state if left open. Unused differential input pairs can be terminated by connecting one input
to V
CC and the complementary input to GND through a 1kΩ resistor. The VT pin is to be
left open in this configuration. Please refer to the “Input Interface Applications” section for
more details.
3, 31, 26, 22
VTA0 , VTA1,
Input Termination Center-Tap: Each side of the differential input pair, terminates to a V
T
VTB0, VTB1
pin. The VTA0, VTA1, VTB0, VTB1 pins provide a center-tap to a termination network for
maximum interface flexibility. See “Input Interface Applications” section for more details.
6, 19
SELA, SELB
These single-ended TTL/CMOS compatible inputs select the inputs to the multiplexers.
Note that these inputs are internally connected to a 25k
Ω pull-up resistor and will default to
logic HIGH state if left open. Input switching threshold is VCC/2.
1, 5, 8, 17, 20,
VCC
Positive Power Supply: Bypass with 0.1
µF||0.01µF low ESR capacitors. The 0.01µF
24, 28, 29
capacitor should be as close to VCC pin as possible.
10, 11, 14, 15
QA, /QA,
Differential Outputs: This differential LVDS output pair provides a copy of the selected
QB, /QB
input. It is a logic function of the INA0, INA1, INB0, INB1 and SELA and SELB inputs.
Please refer to the “Truth Table” for details. Unused output pairs must be terminated with
100
Ω across the differential pair.
7, 9, 12, 13, 16, 18
GND,
Ground: Ground pin and exposed pad must be connected to the same ground plane.
Exposed pad
PIN DESCRIPTION
24
23
22
21
20
19
18
17
VCC
INB1
VTB 1
/INB1
VCC
SELB
GND
VCC
VCC
/INA0
VTA0
INA0
VCC
SELA
GND
VCC
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF™
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89542UMI
MLF-32
Industrial
SY89542U
Sn-Pb
SY89542UMITR(2)
MLF-32
Industrial
SY89542U
Sn-Pb
SY89542UMG(3)
MLF-32
Industrial
SY89542U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89542UMGTR(2,3)
MLF-32
Industrial
SY89542U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Recommended for new designs.


Similar Part No. - SY89542U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89542UMG MICREL-SY89542UMG Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542UMGTR MICREL-SY89542UMGTR Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542UMI MICREL-SY89542UMI Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542UMITR MICREL-SY89542UMITR Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
More results

Similar Description - SY89542U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89543L MICREL-SY89543L Datasheet
167Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89543L MICREL-SY89543L_08 Datasheet
173Kb / 10P
   3.3V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER with INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com