Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1339S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN1339S
Description  Quadruple Comparators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN1339S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN1339S Datasheet HTML 1Page - Panasonic Semiconductor AN1339S Datasheet HTML 2Page - Panasonic Semiconductor AN1339S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
s Characteristics Curve
+
+
VO2
VCC
1
23
4
5
6
7
14
4
3
1
2
13
12
11
VEE
10
9
8
Vin1+
Vin1–
VO1
Vin2–
Vin2+
VO3
(GND)
Vin4+
Vin3+
Vin4–
VO4
Vin3–
VCC=5V
VO
VIN
1k
+
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
10203040
Supply Voltage VCC (V)
ICC –VCC
Ta=–10˚C
Ta=25˚C
Ta=70˚C
Supply Voltage VCC (V)
80
70
60
50
40
30
20
10
0
IBias–VCC
0
10203040
Ambient Temperature Ta (˚C)
32
28
24
20
16
12
8
4
0
ISINK–Ta
–40
0
40
80
120
Ambient Temperature Ta (˚C)
0.32
0.28
0.24
0.20
0.16
0.14
0.12
0.04
0
VOH –Ta
–40
0
40
80
120
Time t (
µs)
6
5
4
3
2
1
0
100
50
0
Transfer Characteristics (1)
0
0.5
1.0
1.5
2.0
Time t (
µs)
6
5
4
3
2
1
0
0
–50
–100
Transfer Characteristics (2)
0
0.5
1.0
1.5
2.0
VCC=5V
VO
VIN
1k
+
VCC=5V
VO
VIN
5.1k
+
5mV
20mV
60mV
60mV
20mV
5mV
Overdrive
Ta=–10˚C
Ta=25˚C
Ta=70˚C
s Block Diagram


Similar Part No. - AN1339S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1330 STMICROELECTRONICS-AN1330 Datasheet
888Kb / 31P
   Designing with the L5970D 1A high efficiency DC-DC converter
logo
Panasonic Semiconductor
AN13300A PANASONIC-AN13300A Datasheet
166Kb / 6P
   Silicon Monolithic Bipolar IC
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
AN1336 STMICROELECTRONICS-AN1336 Datasheet
140Kb / 10P
   Power-fail comparator for NVRAM supervisory devices
More results

Similar Description - AN1339S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
   Quadruple Comparators
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A_15 Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com